Electronic Components Datasheet Search
  English  ▼

X  

MBR745 Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # MBR745
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

MBR745 Datasheet(HTML) 2 Page - SynSemi, Inc.

  MBR745 Datasheet HTML 1Page - SynSemi, Inc. MBR745 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CHARACTERISTICS
Page 1 of 2
Rev. 01 : February 22, 2006
RATING AND CHARACTERISTIC CURVES ( MBR735 ~ MBR760 )
6.0
4.5
3.0
1.5
7.5
120
0
150
0
90
60
30
10
1.0
80
0.01
0.1
100
020
4060
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
1.0
0.1
100
10
TJ =TJmax
8.3 ms single half sine-wave
(JEDEC Method)
0.01
INSTANTANEOUS FORWARD
VOLTAGE, (V)
0.1
0.2
0.4
0.6
0.8
1.0
1.2
0.3
0.5
0.7
0.9
1.1
0.001
MBR735 & MBR745
MBR750 & MBR760
TJ = 25 °C
TJ = 125 °C
MBR735 & MBR745
MBR750 & MBR760
MBR735 & MBR745
MBR750 & MBR760
Resistive or Inductive Load
Pluse Width = 300 µs
1% Duty Cycle
TJ = 25 °C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com