Electronic Components Datasheet Search
  English  ▼

X  

BAS16WS Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # BAS16WS
Description  SMALL SIGNAL DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

BAS16WS Datasheet(HTML) 1 Page - SynSemi, Inc.

  BAS16WS Datasheet HTML 1Page - SynSemi, Inc. BAS16WS Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16WS
SMALL SIGNAL DIODE
PRV : 100 Volts
Io : 250 mA
FEATURES :
* Silicon Epitaxial Planar Diode
* Fast switching diodes.
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOD-323 plastic Case
* Weight : approx. 0.004 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Rectified Current (Continuous)
IF(AV)
250
mA
Surge Forward Current at t = 1 s and Tj = 25
°C
IFSM
500
mA
Power Dissipation at Tamb = 25 °C
Ptot
200
1)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
-65 to + 150
°C
ELECTRICAL CHARACTERISTICS (Rating at Tj = 25 °C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage at IF = 50 mA
VF
--
1
V
Leakage Current
at VR=25 V, Tj=150°C
IR
-
-
30
nA
at VR = 75 V
IR
--
1
μA
at VR=75 V, Tj=150°C
IR
--
50
μA
Capacitance at VF = VR = 0 V
Ctot
--
4
pF
Reverse Recovery Time
from I F = 10 mA to IR = 10 mA,
IR = 6 V, RL = 100 Ω
Thermal Resistance Junction to Ambient Air
RthJA
--
650
1)
°C/W
Note : 1) Valid provided that electrodes are kept at ambient temperature
Page 1 of 2
Rev. 04 : December 21, 2005
ns
Trr
-
-
6
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323


Similar Part No. - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS16WS WTE-BAS16WS Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
General Semiconductor
BAS16WS GE-BAS16WS Datasheet
45Kb / 2P
SMALL SIGNAL DIODES
logo
TAITRON Components Inco...
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAS16WS SEMTECH_ELEC-BAS16WS Datasheet
294Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Continental Device Indi...
BAS16WS CDIL-BAS16WS Datasheet
192Kb / 3P
SILICON EXPITAXIAL PLANAR SWITCHING DIODE
More results

Similar Description - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
Small Signal Diode
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
239Kb / 4P
SMALL-SIGNAL DIODE
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48 Datasheet
105Kb / 3P
Small-Signal Diode
logo
Fairchild Semiconductor
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
Small Signal Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com