Electronic Components Datasheet Search
  English  ▼

X  

LL4150 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # LL4150
Description  HIGH SPEED SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

LL4150 Datasheet(HTML) 1 Page - SynSemi, Inc.

  LL4150 Datasheet HTML 1Page - SynSemi, Inc. LL4150 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL4150
HIGH SPEED SWITCHING DIODE
FEATURES :
• High switching speed: max. 4 ns
• Continuous reverse voltage:max. 50 V
• Repetitive peak reverse voltage:max. 75 V
• Repetitive peak forward current: max. 600 mA
• Pb / RoHS Free
MECHANICAL DATA :
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRM
75
V
VR
50
V
Maximum Continuous Current
IF
200
mA
Maximum Average Forward Current
IF(AV)
150
mA
Maximum Surge Forward Current at t < 1s and Tj = 25
°C
IFSM
0.5
A
Maximum Power Dissipation
PD
500
mW
Maximum Repetitive Peak Forward Current
IFRM
600
mA
Thermal Resistance Junction to Ambient Air
(1)
RθJA
350
°C/W
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 175
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
IR
VR = 50 V
-
-
0.1
µA
VR = 50 V , Tj = 150 °C
-
-
100
µA
IF = 100 mA
-
-
0.92
IF = 200 mA
-
-
1.0
Diode Capacitance
Cd
-
-
2.5
pF
IF = 10 mA to 200 mA
to IR = 10 mA to 200 mA;
RL = 100 Ω ; measured
at IR = 0.1x IF
Page 1 of 2
Rev. 02 : March 25, 2005
V
Test Condition
VF
f = 1MHz ; VR = 0
Reverse Recovery Time
Trr
ns
4
-
-
Parameter
Maximum Peak Reverse Voltage
Maximum Reverse Voltage
Reverse Current
Forward Voltage
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
0.098 (2.50)
Max.
Dimensions in inches and ( millimeters )
Mounting Pad Layout
0.049 (1.25)Min.
0.197 (5.00)
REF
0.079 (2.00)Min.


Similar Part No. - LL4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4150 VISHAY-LL4150 Datasheet
94Kb / 5P
Silicon Epitaxial Planar Diodes
06-Apr-04
logo
Diodes Incorporated
LL4150 DIODES-LL4150 Datasheet
50Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30069 Rev. C-2
logo
Formosa MS
LL4150 FORMOSA-LL4150 Datasheet
63Kb / 2P
High-speed switching diode
logo
General Semiconductor
LL4150 GE-LL4150 Datasheet
29Kb / 1P
Small Signal Diodes
logo
Microsemi Corporation
LL4150 MICROSEMI-LL4150 Datasheet
66Kb / 1P
MINI-MELF-SMD Silicon Diode
More results

Similar Description - LL4150

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com