Electronic Components Datasheet Search
  English  ▼

X  

BC490 Datasheet(PDF) 5 Page - Motorola, Inc

Part # BC490
Description  High Current Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC490 Datasheet(HTML) 5 Page - Motorola, Inc

  BC490 Datasheet HTML 1Page - Motorola, Inc BC490 Datasheet HTML 2Page - Motorola, Inc BC490 Datasheet HTML 3Page - Motorola, Inc BC490 Datasheet HTML 4Page - Motorola, Inc BC490 Datasheet HTML 5Page - Motorola, Inc BC490 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC490,A
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IC, COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
–1.0
–0.8
–0.6
–0.4
–0.2
0
TJ = 25°C
VBE(on) @ VCE = –1.0 V
VCE(sat) @ IC/IB = 10
–0.5
VBE(sat) @ IC/IB = 10
–1.0
–2.0
–5.0
–10
–20
–50
–100 –200
–500
IB, BASE CURRENT (mA)
Figure 12. Collector Saturation Region
–1.0
–0.8
–0.6
–0.4
–0.2
0
–0.1
–10
–1.0
TJ = 25°C
IC = –10 mA
–0.05
–0.2
–0.5
–2.0
–5.0
–20
–50
–100 mA
–250 mA
–500 mA
IC, COLLECTOR CURRENT (mA)
Figure 13. Base–Emitter Temperature Coefficient
–0.8
–2.8
–1.0
–100
–10
R
θVB for VBE
–0.5
–2.0
–5.0
–20
–50
–200
–1.2
–1.6
–2.0
–2.4
–500
–50
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com