Electronic Components Datasheet Search
  English  ▼

X  

TLC352 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC352
Description  LinCMOSE DUAL DIFFERENTIAL COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC352 Datasheet(HTML) 6 Page - Texas Instruments

  TLC352 Datasheet HTML 1Page - Texas Instruments TLC352 Datasheet HTML 2Page - Texas Instruments TLC352 Datasheet HTML 3Page - Texas Instruments TLC352 Datasheet HTML 4Page - Texas Instruments TLC352 Datasheet HTML 5Page - Texas Instruments TLC352 Datasheet HTML 6Page - Texas Instruments TLC352 Datasheet HTML 7Page - Texas Instruments TLC352 Datasheet HTML 8Page - Texas Instruments TLC352 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLC352
LinCMOS
™ DUAL DIFFERENTIAL COMPARATOR
SLCS016 – SEPTEMBER 1985 – REVISED OCTOBER 1990
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
The digital output stage of the TLC352 can be damaged if it is held in the linear region of the transfer curve.
Conventional operational amplifier/comparator testing incorporates the use of a servo loop that is designed to force
the device output to a level within this linear region. Since the servo-loop method of testing cannot be used, the
following alternative for measuring parameters such as input offset voltage, common-mode rejection, etc., are
offered.
To verify that the input offset voltage falls within the limits specified, the limit value is applied to the input as shown
in Figure 1(a). With the noninverting input positive with respect to the inverting input, the output should be high. With
the input polarity reversed, the output should be low.
A similar test can be made to verify the input offset voltage at the common-mode extremes. The supply voltages can
be slewed as shown in Figure 1(b) for the VICR test, rather than changing the input voltages, to provide greater
accuracy.
A close approximation of the input offset voltage can be obtained by using a binary search method to vary the
differential input voltage while monitoring the output state. When the applied input voltage differential is equal but
opposite in polarity to the input offset voltage, the output changes state.
+
–
Applied VIO
Limit
VO
5 V
5.1 k
Ω
Applied VIO
Limit
VO
1 V
5.1 k
Ω
– 4 V
(a) VIO WITH VIC = 0
(b) VIO WITH VIC = 4 V
+
–
Figure 1. Method for Verifying That Input Offset Voltage Is Within Specified Limits



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com