Electronic Components Datasheet Search
  English  ▼

X  

MSM200X Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSM200X
Description  PCI/104-Express
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSM200X Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSM200X Datasheet HTML 1Page - ADL Embedded Solutions MSM200X Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PCI/104-Express
Data subject to change without notice
MSM200X/XP/XU/S - Intel® Atom® CPU 1.1 / 1.6GHz
Features
• Intel® Atom® Z510 / Z530 Processor (SMA200)
• Soldered 512MB to 2GB SDRAM
• 10/100/1000 Mbit LAN Port
• x4 USB 2.0 Host, x1 USB 2.0 Client
• 24-Bit LVDS LCD / Standard VGA port
• x1 PCI Express Minicard for WLAN/GSM
• Onboard PATA / SATA
• Up to Four COM Ports
• Optional GPS (replaces COM3)
• Onboard Audio
• 90mm X 96mm
• Passive Cooling
• Ultra Low Power—6W TDP
Description
The MICROSPACE® MSM200X/XP/XU/S based on Intel‘s
latest Atom processor has all of the standard PC interfaces
plus Ethernet LAN and a sound controller. The perma-
nently soldered memory (up to 2GB) results in added ro-
bustness. The PCI/104-Express bus (PCI + PCIe), PCI
Express Minicard (WLAN, GSM), 4x COM, GPS and 4x
USB 2.0 interfaces are available as functional extensions.
The typical 6W power consumption permits passive cooling
within a very broad working temperature range.
Ordering Information
Item Codes
Part#
Description
Baseboards
MSM200X
802370
PCI-104, 4COM, USB, Audio, LCD
MSM200XP
802372
PCI/104-Express 4COM, USB, Audio, LCD
MSM200XU
802371
PCI/104-Express (top side), 4COM, USB, Audio,
LCD
MSM200S
802380
PC/104-Plus
Baseboard Options / Accessories
Option - L+
807006
PC/104-Plus long connector
Option - P+
807005
PC/104-Plus short connector
MSM200-CKCON
803070
MSM200 PC/104 Cable Kit
MSM200-LANCON
803020
LAN Cable with PCB
MSM200-LVDSCON
803074
LVDS Cable
MSM200-GPS
803076
GPS onboard at COM4 (X and XP models)
WLAN-MC
807414
WLAN PCIe Minicard
GSM-MC
807413
GSM/UMTS PCIe Minicard
smartCore® Express Modules
SMA200-11G-0.5GB
805800
Atom Z510 incl. 0.5GB RAM, 1.1GHz
SMA200-11G-1GB
805801
Atom Z510 incl. 1GB RAM, 1.1GHz
SMA200-11G-2GB
805802
Atom Z510 incl. 2GB RAM, 1.1GHz
SMA200-16G-0.5GB
805810
Atom Z530 incl. 0.5GB RAM, 1.6GHz
SMA200-16G-1GB
805811
Atom Z530 incl. 1GB RAM, 1.6GHz
SMA200-16G-2GB
805812
Atom Z530 incl. 2GB RAM, 1.6GHz


Similar Part No. - MSM200X

ManufacturerPart #DatasheetDescription
logo
StarHope
MSM200 SPSEMI-MSM200 Datasheet
505Kb / 3P
Surface Mount Devices
More results

Similar Description - MSM200X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
PCI & MINI PCI EXPRESS
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
PCI Express
logo
ADL Embedded Solutions
MSMSA104EX ADL-MSMSA104EX Datasheet
201Kb / 1P
PCI/104-Express SATA 300 Adapter Board
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Advantech Co., Ltd.
PCM-200 ADVANTECH-PCM-200_12 Datasheet
805Kb / 1P
PCI-104 to PCI Bus Module
logo
AAEON Technology
PCM-3708 AAEON-PCM-3708 Datasheet
475Kb / 1P
PCI-104 Interface
PFM-T096P AAEON-PFM-T096P Datasheet
221Kb / 2P
pci-104 interface
logo
ADL Embedded Solutions
ADLGS45PC ADL-ADLGS45PC_16 Datasheet
643Kb / 2P
PCI/104-Express
logo
Adlink Technology Inc.
CMX-SLX ADLINK-CMX-SLX Datasheet
644Kb / 4P
PCI/104-Express Type 1 Single Board Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com