Electronic Components Datasheet Search
  English  ▼

X  

MSMR104 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMR104
Description  COM3/4-LPT2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMR104 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMR104 Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICROSPACE PC/104
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Description
The MICROSPACE module MSMR104 is based on SMC’s
“Fast Serial Port Super I/O” controller FDC 37C664. The
board integrates two serial interfaces and one bi-directional
parallel interface.
The serial controller is configured as COM3 and COM4 with
selectable interrupts. The interrupts are: IRQ 3, 4, 10, 11.
COM3 and COM4 are individually selectable by jumpers as
RS232C or RS485. The LPT2 parallel interface can be
used in a bi-directional way. For most operating systems, a
wide range of drivers is available.
Ordering Information
Item Codes
Part#
Description
MSMR104
801040
2-COM Interface RS232/RS485 (COM3+COM4)
Technical Specifications
FEATURES
FUNCTIONS
Function
2x COM
Controller
2x 16C550
Connector
4x RS232/422/485
Bus
ISA
Onboard Flash
–
Remarks
–
Power Normal
5V/250mA (typ.)
Power Suspended
5V/250mA (typ.)
Operating Temperature
-25°C to +70°C
Extended Temperature
–40°C to +85°C
Weight (gr)
140
MTBF
>100´000h
COM3/4-LPT2 - MSMR104
Feature
• COM3 and COM4: RS232C and/or RS485
• LPT2
• Selectable Interrupts
• Single +5V supply
• Operating Temperature: -25°C to 75°C


Similar Part No. - MSMR104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSMR104 ETC2-MSMR104 Datasheet
130Kb / 2P
COM3/4-LPT2
More results

Similar Description - MSMR104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSMR104 ETC2-MSMR104 Datasheet
130Kb / 2P
COM3/4-LPT2
logo
PHOENIX CONTACT
1680940 PHOENIX-1680940 Datasheet
150Kb / 5P
SACB-4/4- 5,0PUR
1681004 PHOENIX-1681004 Datasheet
167Kb / 6P
SACB-4/ 4-SC
3001569 PHOENIX-3001569 Datasheet
68Kb / 2P
FBRN 4-4 N
3024834 PHOENIX-3024834 Datasheet
58Kb / 2P
FBSTB 4-4
3030132 PHOENIX-3030132 Datasheet
63Kb / 2P
FBS 4-4
3042476 PHOENIX-3042476 Datasheet
76Kb / 7P
Coupling - SC 4/ 4
3060144 PHOENIX-3060144 Datasheet
94Kb / 5P
UP 4/ 4
3045839 PHOENIX-3045839 Datasheet
254Kb / 13P
Plug - UPBV 4/ 4
02/04/2022
1701401 PHOENIX-1701401 Datasheet
108Kb / 4P
CIOC 4-4-FV
Feb 2, 2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com