Electronic Components Datasheet Search
  English  ▼

X  

TLC4501 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4501
Description  FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC4501 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC4501 Datasheet HTML 18Page - Texas Instruments TLC4501 Datasheet HTML 19Page - Texas Instruments TLC4501 Datasheet HTML 20Page - Texas Instruments TLC4501 Datasheet HTML 21Page - Texas Instruments TLC4501 Datasheet HTML 22Page - Texas Instruments TLC4501 Datasheet HTML 23Page - Texas Instruments TLC4501 Datasheet HTML 24Page - Texas Instruments TLC4501 Datasheet HTML 25Page - Texas Instruments TLC4501 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
™)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221A – MAY 1998 – REVISED JULY 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The key operational-amplifier parameters CMRR, PSRR, and offset drift were optimized to achieve superior
offset performance. The TLC4502 calibration DAC is implemented by a binary-weighted current array using a
pseudo-R-2R MOSFET ladder architecture, which minimizes the silicon area required for the calibration
circuitry, and thereby reduces the cost of the TLC4502.
Due to the performance (precision, PSRR, CMRR, gain, output drive, and ac performance) of the TLC4502, it
is ideal for applications like:
D Data acquisition systems
D Medical equipment
D Portable digital scales
D Strain gauges
D Automotive sensors
D Digital audio circuits
D Industrial control applications
It is also ideal in circuits like:
D A precision buffer for current-to-voltage converters, a/d buffers, or bridge applications
D High-impedance buffers or preamplifiers
D Long term integration
D Sample-and-hold circuits
D Peak detectors
The TLC4502 self-calibrating operational amplifier is manufactured using Texas instruments LinEPIC process
technology and is available in an 8-pin SOIC (D) Package. The C-suffix devices are characterized for operation
from 0
°C to 70°C. The I-suffix devices are characterized for operation from –40°C to 125°C.The M-suffix devices
are characterized for operation from –55
°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com