Electronic Components Datasheet Search
  English  ▼

X  

TLC5540IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5540IPW
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5540IPW Datasheet(HTML) 3 Page - Texas Instruments

  TLC5540IPW Datasheet HTML 1Page - Texas Instruments TLC5540IPW Datasheet HTML 2Page - Texas Instruments TLC5540IPW Datasheet HTML 3Page - Texas Instruments TLC5540IPW Datasheet HTML 4Page - Texas Instruments TLC5540IPW Datasheet HTML 5Page - Texas Instruments TLC5540IPW Datasheet HTML 6Page - Texas Instruments TLC5540IPW Datasheet HTML 7Page - Texas Instruments TLC5540IPW Datasheet HTML 8Page - Texas Instruments TLC5540IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
3
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
20, 21
Analog ground
ANALOG IN
19
I
Analog input
CLK
12
I
Clock input
DGND
2, 24
Digital ground
D1 −D8
3−10
O
Digital data out. D1:LSB, D8:MSB
OE
1
I
Output enable. When OE = L, data is enabled. When OE = H, D1−D8 is high impedance.
VDDA
14, 15, 18
Analog VDD
VDDD
11, 13
Digital VDD
REFB
23
I
ADC reference voltage in (bottom)
REFBS
22
Reference voltage (bottom). When using the internal voltage divider to generate a nominal 2-V reference, the
REFBS terminal is shorted to the REFB terminal and the REFTS terminal is shorted to the REFT terminal (see
Figure 13 and Figure 14).
REFT
17
I
Reference voltage in (top)
REFTS
16
Reference voltage (top). When using the internal voltage divider to generate a nominal 2-V reference, the
REFTS terminal is shorted to the REFT terminal and the REFBS terminal is shorted to the REFB terminal (see
Figure 13 and Figure 14).
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDDA, VDDD
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage input range, VI(REFT), VI(REFB), VI(REFBS), VI(REFTS)
AGND to VDDA
. . . . . . . . . . . . . . . .
Analog input voltage range, VI(ANLG)
AGND to VDDA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VI(DGTL)
DGND to VDDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, VO(DGTL)
DGND to VDDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC5540C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC5540I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com