Electronic Components Datasheet Search
  English  ▼

X  

TLC5540IPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5540IPWR
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5540IPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC5540IPWR Datasheet HTML 10Page - Texas Instruments TLC5540IPWR Datasheet HTML 11Page - Texas Instruments TLC5540IPWR Datasheet HTML 12Page - Texas Instruments TLC5540IPWR Datasheet HTML 13Page - Texas Instruments TLC5540IPWR Datasheet HTML 14Page - Texas Instruments TLC5540IPWR Datasheet HTML 15Page - Texas Instruments TLC5540IPWR Datasheet HTML 16Page - Texas Instruments TLC5540IPWR Datasheet HTML 17Page - Texas Instruments TLC5540IPWR Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
14
PRINCIPLES OF OPERATION
R1
320
Ω NOM
Rref
270
Ω NOM
R2
80
Ω NOM
VDDA
5 V (Analog)
REFTS
REFT
REFB
REFBS
AGND
TLC5540
16
17
22
21
23
18
0.1
µF
2.28 V dc
0 V dc
Figure 15. External Connections Using the Internal Bias Two Option
functional operation
Table 2 shows the TLC5540 functions.
Table 2. Functional Operation
INPUT SIGNAL
VOLTAGE
STEP
DIGITAL OUTPUT CODE
INPUT SIGNAL
VOLTAGE
STEP
MSB
LSB
Vref(T)
255
1
1
1
1
1
1
1
1
•
•
•
••
••
•
•
•
•
•
•
••
••
•
•
•
•
128
1
00
00
0
0
0
•
127
0
11
11
1
1
1
•
•
•
••
••
•
•
•
•
•
•
••
••
•
•
•
Vref(B)
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com