Electronic Components Datasheet Search
  English  ▼

X  

TLC5902 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC5902
Description  LED DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5902 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5902 Datasheet HTML 9Page - Texas Instruments TLC5902 Datasheet HTML 10Page - Texas Instruments TLC5902 Datasheet HTML 11Page - Texas Instruments TLC5902 Datasheet HTML 12Page - Texas Instruments TLC5902 Datasheet HTML 13Page - Texas Instruments TLC5902 Datasheet HTML 14Page - Texas Instruments TLC5902 Datasheet HTML 15Page - Texas Instruments TLC5902 Datasheet HTML 16Page - Texas Instruments TLC5902 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TLC5902
LED DRIVER
SLLS382 – DECEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
write data to both shift register latches
The shift register latch is selected using the RSEL terminal. The data input method is the same for both shift
register latches. The data is applied to DIN0 to DIN7 of 8-bits data input terminal, and transferred synchronizing
to DCLK. The data of DIN0 to DIN7 is transferred to the direction from OUT0 to OUT15 synchronizing to DCLK.
The shift register for brightness control is 1-bit length resulting in one time of DCLK input. The shift register for
gray scale data is 8-bits length at 8-bit mode resulting in eight times of DCLK, and 16-bit length at 16-bit mode
resulting in 16 times of DCLK input. At the number of DCLK input for each case, output data appear on DOUT0
to DOUT7. When LATCH goes from low to high, data is latched internally. Then, when LATCH goes low, data
is held. RSEL switching should be done when DCLK and LATCH are low.
brightness control latch configuration
The brightness control latch is configured as DIN0 corresponds to LSB, and DIN7 to MSB. The lower 5 bits are
assigned for output current adjustment, and the upper 3 bits are for a frequency division ratio setting of GSCLK.
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
MSB
⋅ ⋅⋅⋅
⋅ ⋅⋅⋅
⋅ ⋅⋅⋅
⋅ ⋅⋅⋅
⋅ ⋅⋅⋅
⋅ ⋅⋅⋅
LSB
0†
0
0
1
1
1
1
1
Frequency division ratio setting of GSCLK
Output current setting
† BC_ENA is low.
output current adjustment – brightness adjustment between ICs
By using the lower 5 bits of the brightness control latch, output current can be adjusted to 32 steps. When output
current is set to 100% by the external resistor at 11111h of the latched value, it is adjusted as 1 step or 32 steps
of 1.6% current ratio between 100 and 51.6%. By using this function, the brightness control between modules
(ICs) can be adjusted, sending the desired data externally even if ICs are mounted on PCB. When BC_ENA
is pulled low, the latch is reset to the initial value of 00011111h, and the output current is set to 100%.
CODE
CURRENT RATIO (%)
20 (mA)
80 (mA)
VIREF (TYP)
MSB 00000 LSB
51.6
10.3
41.3
0.64
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
11110
98.4
19.7
78.7
1.22
11111†
100
20.0
80.0
1.24
† BC_ENA is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com