Electronic Components Datasheet Search
  English  ▼

X  

TLC5902HTQFP Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC5902HTQFP
Description  LED DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5902HTQFP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5902HTQFP Datasheet HTML 6Page - Texas Instruments TLC5902HTQFP Datasheet HTML 7Page - Texas Instruments TLC5902HTQFP Datasheet HTML 8Page - Texas Instruments TLC5902HTQFP Datasheet HTML 9Page - Texas Instruments TLC5902HTQFP Datasheet HTML 10Page - Texas Instruments TLC5902HTQFP Datasheet HTML 11Page - Texas Instruments TLC5902HTQFP Datasheet HTML 12Page - Texas Instruments TLC5902HTQFP Datasheet HTML 13Page - Texas Instruments TLC5902HTQFP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TLC5902
LED DRIVER
SLLS382 – DECEMBER 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, MIN/MAX: VCC(LOG) = VCCANA = PVCC = 4.5 V to 5.5 V, TA = –20°C to 85°C
TYP: VCC(LOG) = VCC(ANA) = PVCC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High–level output voltage
IOH = –1 mA, DOUT0 to DOUT7,
GSOUT, BOUT
VCC(LOG)
–0.5V
V
VOL
L
ow–level output voltage
IOL = 1 mA, DOUT0 to DOUT7, GSOUT,
BOUT
0.5
V
OL
g
IOL = 5 mA DOWN
0.5
II
Input current
VI = VCC(LOG) or GND(LOG)
±1
µA
I(OG)
Supply current (logic)
Input signal is static, TS_ENA = H,
WD_CAP = OPEN
1
mA
I(LOG)
Supply current (logic)
Data transfer,
DCLK = 15 MHz,
GSCLK = 1 MHz
18
30
mA
I(ANA)
Supply current (analog)
LED turns on,
R(IREF) = 590 Ω
3
5
mA
I(ANA)
Supply current (analog)
LED turns off,
R(IREF) = 590 Ω
3
5
mA
R(IREF) = 1180 Ω,
LED turns off
15
20
R(IREF) = 590 Ω,
LED turns off
30
40
I(PVCC)
Supply current (constant current driver)
VO = 1 V,
R(IREF) = 1180 Ω,
16 bits output turns on
25
35
mA
VO = 1 V,
R(IREF) = 590 Ω,
16 bits output turns on
50
70
IOL(C1)
Constant output current
VO = 1 V,
V(IREF) = 1.24 V,
R(IREF) = 1180 Ω
35
40
45
mA
IOL(C2)
Constant output current
VO = 1 V,
V(IREF) = 1.24 V,
R(IREF) = 590 Ω
70
80
90
mA
Ilkg
Constant output leakage current
VO = 15 V,
R(IREF) = 590 Ω,
LED turn off
10
µA
∆IOL(C)
Constant output current error between bit
VCC(LOG) = VCC(ANA) = PVCC = 5 V,
V(IREF) = 1.24 V,
R(IREF) = 590 Ω,
All bits turns on,
VO = 1 V
±1%
±4%
I
∆OL(C1)
Changes in constant output current
depend on supply voltage
V(IREF) = 1.24 V
±1%
±4%
V
I
∆OL(C2)
Changes in constant output current
depend on output voltage
V(IREF) = 1.24 V,
R(IREF) = 1180 Ω,
1 bit output turns on, VO = 1 V to 3 V
±1%
±2%
V
T(tsd)
TSD detection temperature (thermal
shutdown circuit)
Junction temperature
150
160
170
°C
T(wdt)
WDT detection time (watch–dog timer
circuit)
No external capacitor
1
3
8
ms
V(IREF)
Voltage reference
BC_ENA = L,
R(IREF) = 590 Ω
1.24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com