Electronic Components Datasheet Search
  English  ▼

X  

TLC7225CDW Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7225CDW
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225CDW Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC7225CDW Datasheet HTML 11Page - Texas Instruments TLC7225CDW Datasheet HTML 12Page - Texas Instruments TLC7225CDW Datasheet HTML 13Page - Texas Instruments TLC7225CDW Datasheet HTML 14Page - Texas Instruments TLC7225CDW Datasheet HTML 15Page - Texas Instruments TLC7225CDW Datasheet HTML 16Page - Texas Instruments TLC7225CDW Datasheet HTML 17Page - Texas Instruments TLC7225CDW Datasheet HTML 18Page - Texas Instruments TLC7225CDW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bipolar-output operation using external amplifier
Each of the DACs of the TLC7225 can also be individually configured to provide bipolar output operation using
an external amplifier and two resistors per channel. Figure 11 shows a circuit used to implement offset binary
coding (bipolar operation) with DAC A of the TLC7225. In this case (see equation 1):
V
O +
1
) R2
R1
D
A
V
ref *
R2
R1
V
ref
with R1
+ R2
V
O +
2D
A *
1 V
ref
where D
A
is a fractional representation of the digital word in latch A.
(1)
Mismatch between R1 and R2 causes gain and offset errors. Therefore, these resistors must match and track
over temperature. The TLC7225 can be operated with a single supply or from positive and negative supplies.
15 V
_
+
DAC A
TLC7225
2
5
R2†
R1†
VO
REFA
† R1 = R2 = 10 k
Ω ±0.1%
_
+
– 15 V
Figure 11. Bipolar-Output Circuit
multiplying DAC using ac input to the REF terminals
The TLC7225 can be used as a multiplying DAC when the reference signal is maintained between 2 V and
VDD – 4 V. When this configuration is used, VDD should be 14.25 V to 15.75 V. A low output-impedance buffer
should be used so that the input signal is not loaded by the resistor ladder. Figure 12 shows the general
schematic.
_
+
_
+
DAC
AGND
DGND
67
1/4 TLC7225
5, 4, 21, 20
15 V
REF (A, B, C, D)
OP - 15
15 V
R1
R2
AC Reference
Input Signal
VO
15 V
VDD
Figure 12. AC Signal-Input Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com