Electronic Components Datasheet Search
  English  ▼

X  

TLC7524C Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC7524C
Description  8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7524C Datasheet(HTML) 2 Page - Texas Instruments

  TLC7524C Datasheet HTML 1Page - Texas Instruments TLC7524C Datasheet HTML 2Page - Texas Instruments TLC7524C Datasheet HTML 3Page - Texas Instruments TLC7524C Datasheet HTML 4Page - Texas Instruments TLC7524C Datasheet HTML 5Page - Texas Instruments TLC7524C Datasheet HTML 6Page - Texas Instruments TLC7524C Datasheet HTML 7Page - Texas Instruments TLC7524C Datasheet HTML 8Page - Texas Instruments TLC7524C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLC7524C, TLC7524E, TLC7524I
8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
SLAS061C – SEPTEMBER 1986 – REVISED NOVEMBER 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Data Inputs
Data Latches
13
WR
12
CS
REF
15
11
DB0
(LSB)
6
DB5
5
DB6
4
DB7
(MSB)
GND
3
OUT2
2
OUT1
1
RFB
16
R
R
R
R
2R
2R
S-8
2R
S-3
2R
S-2
S-1
2R
Terminal numbers shown are for the D or N package.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VDD
– 0.3 V to 16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VI
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage, Vref
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak digital input current, II
10
µA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC7524C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC7524I
– 25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC7524E
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds, TC: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, or PW package
260
°C
. . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com