Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWR
Description  LinCMOSE TIMERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC555CPWR Datasheet HTML 6Page - Texas Instruments TLC555CPWR Datasheet HTML 7Page - Texas Instruments TLC555CPWR Datasheet HTML 8Page - Texas Instruments TLC555CPWR Datasheet HTML 9Page - Texas Instruments TLC555CPWR Datasheet HTML 10Page - Texas Instruments TLC555CPWR Datasheet HTML 11Page - Texas Instruments TLC555CPWR Datasheet HTML 12Page - Texas Instruments TLC555CPWR Datasheet HTML 13Page - Texas Instruments TLC555CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TLC555
LinCMOS TIMER
SLFS043F − SEPTEMBER 1983 − REVISED FEBRUARY 2005
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Connecting TRIG to THRES, as shown in Figure 3, causes the timer to run as a multivibrator. The capacitor CT
charges through RA and RB to the threshold voltage level (approximately 0.67 VDD) and then discharges through RB
only to the value of the trigger voltage level (approximately 0.33 VDD). The output is high during the charging cycle
(tc(H)) and low during the discharge cycle (tc(L)). The duty cycle is controlled by the values of RA, RB, and CT as shown
in the equations below.
t
c(H) [
C
T
(R
A )
R
B
)In2 (In2
+ 0.693)
t
c(L) [
C
T
R
B
In 2
Period
+ t
c(H) )
t
c(L) [
C
T
(R
A )
2R
B
)In2
Output driver duty cycle
+
t
c(L)
t
c(H) )
t
c(L)
[ 1–
R
B
R
A )
2R
B
Output waveform duty cycle
+
t
c(H)
t
c(H) )
t
c(L)
[
R
B
R
A )
2R
B
The 0.1-
µF capacitor at CONT in Figure 3 decreases the period by about 10%.
The formulas shown above do not allow for any propagation delay times from the TRIG and THRES inputs to DISCH.
These delay times add directly to the period and create differences between calculated and actual values that
increase with frequency. In addition, the internal on-state resistance ron during discharge adds to RB to provide
another source of timing error in the calculation when RB is very low or ron is very high.
The equations below provide better agreement with measured values.
t
c(H) +
C
T
(R
A )
R
B
)In
3– exp
–t
PLH
C
T
(R
B )
ron)
) t
PHL
t
c(L) +
C
T
(R
B )
ron)In
3– exp
–t
PHL
C
T
(R
A )
R
B
)
) t
PLH
These equations and those given earlier are similar in that a time constant is multiplied by the logarithm of a number
or function. The limit values of the logarithmic terms must be between In 2 at low frequencies and In 3 at extremely
high frequencies. For a duty cycle close to 50%, an appropriate constant for the logarithmic terms can be substituted
with good results. Duty cycles less than 50%
t
c(H)
t
c(H) )
t
c(L)
require that
t
c(H)
t
c(L)
< 1 and possibly RA ≤ ron. These
conditions can be difficult to obtain.
In monostable applications, the trip point on TRIG can be set by a voltage applied to CONT. An input voltage between
10% and 80% of the supply voltage from a resistor divider with at least 500-
µA bias provides good results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com