Electronic Components Datasheet Search
  English  ▼

X  

TLC7628C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC7628C
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7628C Datasheet(HTML) 3 Page - Texas Instruments

  TLC7628C Datasheet HTML 1Page - Texas Instruments TLC7628C Datasheet HTML 2Page - Texas Instruments TLC7628C Datasheet HTML 3Page - Texas Instruments TLC7628C Datasheet HTML 4Page - Texas Instruments TLC7628C Datasheet HTML 5Page - Texas Instruments TLC7628C Datasheet HTML 6Page - Texas Instruments TLC7628C Datasheet HTML 7Page - Texas Instruments TLC7628C Datasheet HTML 8Page - Texas Instruments TLC7628C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLC7628C, TLC7628E, TLC7628I
DUAL 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTERS
SLAS063A – APRIL 1989 – REVISED MAY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
10.8
15.75
V
Reference voltage, VrefA or VrefB
±10
V
High-level input voltage, VIH
2.4
V
Low-level input voltage, VIL
0.8
V
CS setup time, tsu(CS)
50
ns
CS hold time, th(CS) (see Figure 1)
0
ns
DAC select setup time, tsu(DAC) (see Figure 1)
60
ns
DAC select hold time, th(DAC) (see Figure 1)
10
ns
Data bus input setup time tsu(D) (see Figure 1)
25
ns
Data bus input hold time th(D) (see Figure 1)
10
ns
Pulse duration, WR low, tw(WR) (see Figure 1)
50
ns
TLC7628C
0
70
Operating free-air temperature, TA
TLC7628I
–25
85
°C
TLC7628E
–40
85
electrical characteristics over recommended ranges of operating free-air temperature and VDD,
VrefA = VrefB = 10 V, VOA and VOB at 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
IIH
High level input current
VI =VDD
Full range
10
µA
IIH
High-level input current
VI = VDD
25
°C
1
µA
IIL
Low level input current
VI =0
Full range
–10
µA
IIL
Low-level input current
VI = 0
25
°C
–1
µA
Reference input impedance REFA or REFB to
AGND
5
20
k
Ω
OUTA
DAC data latch loaded with 00000000,
Full range
±200
Ik
Output leakage current
OUTA
,
VrefA = ± 10 V
25
°C
±50
nA
Ikg
Output leakage current
OUTB
DAC data latch loaded with 00000000,
Full range
±200
nA
OUTB
,
VrefB = ± 10 V
25
°C
±50
Input resistance match (REFA to REFB)
±1%
DC supply sensitivity
∆gain/∆VDD
∆VDD = ± 5%
Full range
0.02
%/%
DC supply sensitivity
∆gain/∆VDD
∆VDD = ± 5 %
25
°C
0.01
%/%
Quiescent
All digital inputs at VIHmin or VILmax
2
IDD
Supply current
Standby
All digital inputs at0VorVDD
Full range
0.5
mA
Standby
All digital inputs at 0 V or VDD
25
°C
0.1
DB0–DB7
10
Ci
Input capacitance
WR, CS,
DACA/DACB
15
pF
C
Output capacitance (OUTA OUTB)
DAC data latches loaded with 00000000
25
pF
Co
Output capacitance (OUTA, OUTB)
DAC data latches loaded with 11111111
60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com