Electronic Components Datasheet Search
  English  ▼

X  

TLC7628CDW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7628CDW
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7628CDW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC7628CDW Datasheet HTML 2Page - Texas Instruments TLC7628CDW Datasheet HTML 3Page - Texas Instruments TLC7628CDW Datasheet HTML 4Page - Texas Instruments TLC7628CDW Datasheet HTML 5Page - Texas Instruments TLC7628CDW Datasheet HTML 6Page - Texas Instruments TLC7628CDW Datasheet HTML 7Page - Texas Instruments TLC7628CDW Datasheet HTML 8Page - Texas Instruments TLC7628CDW Datasheet HTML 9Page - Texas Instruments TLC7628CDW Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TLC7628C, TLC7628E, TLC7628I
DUAL 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTERS
SLAS063A – APRIL 1989 – REVISED MAY 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
φ 2
Address
Decoder
Logic
Address Bus
Data Bus
D0 – D7
DB7
DB0
WR
CS
DACA/DACB
TLC7628
VMA
CPU
6800
A8–A15
A
A + 1
NOTE D: A = decoded address for TLC7628 DACA
A + 1 = decoded address for TLC7628 DACB
Figure 5. TLC7628 – 6800 Interface
voltage-mode operation
The current-multiplying DAC in these devices can be operated in a voltage mode. In the voltage mode, a fixed
voltage is placed on the current output terminal. The analog output voltage is then available at the reference
voltage terminal. An example of a current-multiplying DAC operating in voltage mode is shown in Figure 6. The
relationship between the fixed input voltage and the analog output voltage is given by the following equation:
Analog output voltage = fixed input voltage (D/256)
where D = the digital input. In voltage-mode operation, these devices meet the following specification:
LINEARITY ERROR
TEST CONDITIONS
MIN
MAX
UNIT
Analog output voltage for REFA, REFB
VDD = 12 V, OUTA or OUTB at 5 V, TA = 25°C
1
LSB
2R
2R
2R
“0”
“1”
2R
RR
R
R
OUT (Fixed input voltage)
AGND
REF
(Analog output voltage)
Figure 6. Current-Multiplying DAC Operating in Voltage Mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com