Electronic Components Datasheet Search
  English  ▼

X  

2SC5663TPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # 2SC5663TPT
Description  Low Ferquency NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SC5663TPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  2SC5663TPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC5663TPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC5663TPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING CHARACTERISTICS ( 2SC5663TPT )
THERMAL CHARACTERISTICS
CHARA
Cob
CTERISTICS
collector output capacitance
Tamb
Typ.
=2
V
5
°C unless otherwise
Note
VCE=2V , IC=10mA
1. Pulse test: tp ≤ 300
CBO
µ
EBO
s;
BV
δ≤
CEO
0.02.
BV
SYMBOL
BV
P
collector-emitter breakdown voltage
ARAMETER
collector-base breakdown voltage
CONDITIONS
emitter-base breakdown voltage
MIN.
−
MAX.
UNIT
−
−
−
collector cut-off current
−
−
−
V
I
V
C
V
=1mA
15
−
12
0.1
6
uA
I
h
C
FE
=10uA
DC
I
current transfer ratio
E =10uA
270
680
−
−
90
CEsat
I
collector-emitter satur
CBO
ation
voltage
VCB=15V
IC/IB=200mA/10mA
−
250
mV
IE = 0; VCB = 10V ; f=1 MHz
−
7.5
pF
fT
transition frequency
IE = -1 0 mA; VCE= 2 V; f = 30 MHz
320
−
MHz
−



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com