Electronic Components Datasheet Search
  English  ▼

X  

BC549C Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC549C
Description  Low Noise Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC549C Datasheet(HTML) 1 Page - Motorola, Inc

  BC549C Datasheet HTML 1Page - Motorola, Inc BC549C Datasheet HTML 2Page - Motorola, Inc BC549C Datasheet HTML 3Page - Motorola, Inc BC549C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Low Noise Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
BC549
BC550
Unit
Collector – Emitter Voltage
VCEO
30
45
Vdc
Collector – Base Voltage
VCBO
30
50
Vdc
Emitter – Base Voltage
VEBO
5.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
BC549B,C
BC550B,C
V(BR)CEO
30
45
—
—
—
—
Vdc
Collector – Base Breakdown Voltage
(IC = 10 µAdc, IE = 0)
BC549B,C
BC550B,C
V(BR)CBO
30
50
—
—
—
—
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
—
—
Vdc
Collector Cutoff Current
(VCB = 30 V, IE = 0)
(VCB = 30 V, IE = 0, TA = +125°C)
ICBO
—
—
—
—
15
5.0
nAdc
µAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
—
—
15
nAdc
Order this document
by BC549B/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC549B,C
BC550B,C
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
2
BASE
3
EMITTER


Similar Part No. - BC549C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC549C PHILIPS-BC549C Datasheet
44Kb / 8P
NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BC549C SIEMENS-BC549C Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Diotec Semiconductor
BC549C DIOTEC-BC549C Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BC549C NXP-BC549C Datasheet
248Kb / 7P
NPN general purpose transistors
2004 Oct 11
logo
ON Semiconductor
BC549C ONSEMI-BC549C Datasheet
65Kb / 4P
Low Noise Transistors NPN Silicon
March, 2007 ??Rev. 2
More results

Similar Description - BC549C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
Low Noise Transistors
MMBT5088LT1 MOTOROLA-MMBT5088LT1 Datasheet
298Kb / 6P
Low Noise Transistors
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
LOW NOISE TRANSISTORS
MRF949T1 MOTOROLA-MRF949T1 Datasheet
166Kb / 14P
LOW NOISE TRANSISTORS
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
Low Noise Transistors
June, 2009 ??Rev. 3
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
Low Noise Transistors
July, 2012 ??Rev. 4
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
Low Noise Transistors
August, 2006 ??Rev. 3
MMBT5088L ONSEMI-MMBT5088L Datasheet
188Kb / 5P
Low Noise Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com