Electronic Components Datasheet Search
  English  ▼

X  

BC556 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BC556
Description  Amplifier Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC556 Datasheet(HTML) 2 Page - Motorola, Inc

  BC556 Datasheet HTML 1Page - Motorola, Inc BC556 Datasheet HTML 2Page - Motorola, Inc BC556 Datasheet HTML 3Page - Motorola, Inc BC556 Datasheet HTML 4Page - Motorola, Inc BC556 Datasheet HTML 5Page - Motorola, Inc BC556 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC556,B BC557A,B,C BC558B
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –10 µAdc, VCE = –5.0 V)
BC557A
BC556B/557B/558B
BC557C
(IC = –2.0 mAdc, VCE = –5.0 V)
BC556
BC557
BC558
BC557A
BC556B/557B/558B
BC557C
(IC = –100 mAdc, VCE = –5.0 V)
BC557A
BC556B/557B/558B
BC557C
hFE
—
—
—
120
120
120
120
180
420
—
—
—
90
150
270
—
—
—
170
290
500
120
180
300
—
—
—
500
800
800
220
460
800
—
—
—
—
Collector – Emitter Saturation Voltage
(IC = –10 mAdc, IB = –0.5 mAdc)
(IC = –10 mAdc, IB = see Note 1)
(IC = –100 mAdc, IB = –5.0 mAdc)
VCE(sat)
—
—
—
–0.075
–0.3
–0.25
–0.3
–0.6
–0.65
V
Base – Emitter Saturation Voltage
(IC = –10 mAdc, IB = –0.5 mAdc)
(IC = –100 mAdc, IB = –5.0 mAdc)
VBE(sat)
—
—
–0.7
–1.0
—
—
V
Base–Emitter On Voltage
(IC = –2.0 mAdc, VCE = –5.0 Vdc)
(IC = –10 mAdc, VCE = –5.0 Vdc)
VBE(on)
–0.55
—
–0.62
–0.7
–0.7
–0.82
V
SMALL–SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mA, VCE = –5.0 V, f = 100 MHz)
BC556
BC557
BC558
fT
—
—
—
280
320
360
—
—
—
MHz
Output Capacitance
(VCB = –10 V, IC = 0, f = 1.0 MHz)
Cob
—
3.0
6.0
pF
Noise Figure
(IC = –0.2 mAdc, VCE = –5.0 V,
BC556
RS = 2.0 kW, f = 1.0 kHz, ∆f = 200 Hz)
BC557
BC558
NF
—
—
—
2.0
2.0
2.0
10
10
10
dB
Small–Signal Current Gain
(IC = –2.0 mAdc, VCE = –5.0 V, f = 1.0 kHz)
BC556
BC557/558
BC557A
BC556B/557B/558B
BC557C
hfe
125
125
125
240
450
—
—
220
330
600
500
900
260
500
900
—
Note 1: IC = –10 mAdc on the constant base current characteristics, which yields the point IC = –11 mAdc, VCE = –1.0 V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com