Electronic Components Datasheet Search
  English  ▼

X  

2SB772Q Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB772Q
Description  PNP Silicon Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB772Q Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB772Q Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB772Q Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2SB772Q
PNP Silicon
Medium Power Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Symbol
A
b
b1
c
D
D1
E
E1
e
e1
L
Min
1.400
0.320
0.360
0.350
4.400
1.400
2.300
3.940
2.900
0.900
Max
1.600
0.520
0.560
0.440
4.600
1.800
2.600
4.250
3.100
1.100
Min
0.055
0.013
0.014
0.014
0.173
0.055
0.091
0.155
0.114
0.035
Max
0.063
0.020
0.022
0.017
0.181
0.071
0.102
0.167
0.122
0.043
Dimensions In Millimeters
Dimensions In Inches
0.060TYP
1.500TYP
D
D1
C
A
b
b1
e
e1
SOT-89
1.BASE
2.COLLECTOR
3.EMITTER
FEATURES
Power dissipation
P CM : 500mW Tamb=25
Collector current
ICM :-3
A
Collector-base voltage
VB(BR)CBO :
-40
V
Operating and storage junction temperature range
TJ
Tstg: -55
to +150
ELECTRICAL CHARACTERISTICS
Tamb=25
unlessotherwise
specified CLASSIFICATION OF
hFE(1)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100
A
IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10 mA ,
IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100
A
IC=0
-6
V
Collector cut-off current
ICBO
VCB= -40 V ,
IE=0
-1
A
Collector cut-off current
ICEO
VCE=-30 V ,
IB=0
-10
A
Emitter cut-off current
IEBO
VEB=-6V ,
IC=0
-1
A
hFE 1
VCE= -2V, IC= -1A
60
400
DC current gain
hFE 2
VCE=-2V, IC= -100mA
32
Collector-emitter saturation voltage
VCE(sat)
IC=-2A,
IB= -0.2A
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A,
IB= -0.2A
-1.5
V
Transition frequency
f T
VCE= -5V,
IC=-0.1A
f = 10MHz
50
MHz
CLASSIFICATION OF hFE(1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product


Similar Part No. - 2SB772Q

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB772 UTC-2SB772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
NEC
2SB772 NEC-2SB772 Datasheet
272Kb / 3P
PNP SILICON POWER TRANSISTOR
logo
Weitron Technology
2SB772 WEITRON-2SB772 Datasheet
263Kb / 5P
PNP/NPN Epitaxial Planar Transistors
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772 Datasheet
90Kb / 8P
PNP MEDIUM POWER TRANSISTOR
09-Sep-2005
logo
First Components Intern...
2SB772 FCI-2SB772 Datasheet
177Kb / 3P
PNP EPITASIAL SILICON TRANSISTOR
More results

Similar Description - 2SB772Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Jun-1997
2N5195 STMICROELECTRONICS-2N5195_00 Datasheet
122Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Dec-2000
logo
Microsemi Corporation
2N6193 MICROSEMI-2N6193 Datasheet
58Kb / 2P
PNP MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA1213 SECOS-2SA1213 Datasheet
289Kb / 3P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132 Datasheet
162Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188 Datasheet
638Kb / 2P
PNP Silicon Medium Power Transistor
BCP53 SECOS-BCP53 Datasheet
303Kb / 2P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132_10 Datasheet
177Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188_10 Datasheet
343Kb / 2P
PNP Silicon Medium Power Transistor
2SA94-C SECOS-2SA94-C Datasheet
259Kb / 2P
PNP Silicon Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com