Electronic Components Datasheet Search
  English  ▼

X  

TLV2221 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2221
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2221 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV2221 Datasheet HTML 21Page - Texas Instruments TLV2221 Datasheet HTML 22Page - Texas Instruments TLV2221 Datasheet HTML 23Page - Texas Instruments TLV2221 Datasheet HTML 24Page - Texas Instruments TLV2221 Datasheet HTML 25Page - Texas Instruments TLV2221 Datasheet HTML 26Page - Texas Instruments TLV2221 Datasheet HTML 27Page - Texas Instruments TLV2221 Datasheet HTML 28Page - Texas Instruments TLV2221 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
TLV2221, TLV2221Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS157A – JUNE 1996 – REVISED JANUARY 1997
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
driving large capacitive loads
The TLV2221 is designed to drive larger capacitive loads than most CMOS operational amplifiers. Figure 49
through Figure 54 illustrate its ability to drive loads greater than 100 pF while maintaining good gain and phase
margins (Rnull = 0).
A small series resistor (Rnull) at the output of the device (Figure 55) improves the gain and phase margins when
driving large capacitive loads. Figure 49 through Figure 52 show the effects of adding series resistances of
100
Ω, 200 Ω, 500 Ω, and 1 kΩ. The addition of this series resistor has two effects: the first effect is that it adds
a zero to the transfer function and the second effect is that it reduces the frequency of the pole associated with
the output load in the transfer function.
The zero introduced to the transfer function is equal to the series resistance times the load capacitance. To
calculate the approximate improvement in phase margin, equation (1) can be used.
∆φ
m1 + tan
–1
2
× π × UGBW × R
null ×
C
L
∆φ
m1 + improvement in phase margin
UGBW
+ unity-gain bandwidth frequency
R
null + output series resistance
C
L + load capacitance
(1)
where :
The unity-gain bandwidth (UGBW) frequency decreases as the capacitive load increases (Figure 53 and Figure
54). To use equation (1), UGBW must be approximated from Figure 53 and Figure 54.
VDD – / GND
VDD +
Rnull
CL
VI
+
–
RL
Figure 55. Series-Resistance Circuit
The TLV2221 is designed to provide better sinking and sourcing output currents than earlier CMOS rail-to-rail
output devices. This device is specified to sink 500
µA and source 1 mA at VDD = 5 V at a maximum quiescent
IDD of 200 µA. This provides a greater than 80% power efficiency.
When driving heavy dc loads, such as 2 k
Ω, the positive edge under slewing conditions can experience some
distortion. This condition can be seen in Figure 37. This condition is affected by three factors:
D Where the load is referenced. When the load is referenced to either rail, this condition does not occur. The
distortion occurs only when the output signal swings through the point where the load is referenced.
Figure 38 illustrates two 2-k
Ω load conditions. The first load condition shows the distortion seen for a 2-kΩ
load tied to 2.5 V. The third load condition in Figure 38 shows no distortion for a 2-k
Ω load tied to 0 V.
D Load resistance. As the load resistance increases, the distortion seen on the output decreases. Figure 38
illustrates the difference seen on the output for a 2-k
Ω load and a 100-kΩ load with both tied to 2.5 V.
D Input signal edge rate. Faster input edge rates for a step input result in more distortion than with slower input
edge rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com