Electronic Components Datasheet Search
  English  ▼

X  

TLV2401 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2401
Description  FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2401 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2401 Datasheet HTML 2Page - Texas Instruments TLV2401 Datasheet HTML 3Page - Texas Instruments TLV2401 Datasheet HTML 4Page - Texas Instruments TLV2401 Datasheet HTML 5Page - Texas Instruments TLV2401 Datasheet HTML 6Page - Texas Instruments TLV2401 Datasheet HTML 7Page - Texas Instruments TLV2401 Datasheet HTML 8Page - Texas Instruments TLV2401 Datasheet HTML 9Page - Texas Instruments TLV2401 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TLV2401, TLV2402, TLV2404
FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
SLOS244 – FEBRUARY 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VCC =2 7V
25
°C
2.65
2.68
VCC = 2.7 V
Full range
2.63
VIC = VCC/2,
VCC =5V
25
°C
4.95
4.98
IC
CC ,
IOH = –2 µA
VCC = 5 V
Full range
4.93
VCC =15V
25
°C
14.95
14.98
VOH
High level output voltage
VCC = 15 V
Full range
14.93
V
VOH
High-level output voltage
VCC =2 7V
25
°C
2.62
2.65
V
VCC = 2.7 V
Full range
2.6
VIC = VCC/2,
VCC =5V
25
°C
4.92
4.95
IC
CC ,
IOH = –50 µA
VCC = 5 V
Full range
4.9
VCC =15V
25
°C
14.92
14.95
VCC = 15 V
Full range
14.9
VIC =VCC/2 IOL =2 µA
25
°C
90
150
VOL
Low level output voltage
VIC = VCC/2, IOL = 2 µA
Full range
180
mV
VOL
Low-level output voltage
VIC =VCC/2 IOL =50 µA
25
°C
180
230
mV
VIC = VCC/2, IOL = 50 µA
Full range
260
IO
Output current
VO = 0.5 V from rail
25
°C
±200
µA
Zo
Closed-loop output impedance
f = 100 Hz,
AV = 10
25
°C
1200
Ω
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VCC =27Vor5V
25
°C
880
950
ICC
Supply current (per channel)
VO =VCC/2
VCC = 2.7 V or 5 V
Full range
1290
nA
ICC
Supply current (per channel)
VO = VCC/2
VCC =15V
25
°C
900
990
nA
VCC = 15 V
Full range
1350
VCC = 2.7 to 5 V,
No load,
25
°C
100
120
PSRR
Power supply rejection ratio
CC
,
VIC = VCC/2 V
,
Full range
100
dB
PSRR
yj
(
∆VCC/∆VIO)
VCC = 5 to 15 V,
No load,
25
°C
100
120
dB
CC
VIC = VCC/2 V
Full range
100
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 500 kΩ,
CL = 100 pF
25
°C
5.5
kHz
SR
Slew rate at unity gain
VO(pp) = 0.8 V,
RL = 500 kΩ,
CL = 100 pF
25
°C
2.5
V/ms
φM
Phase margin
RL = 500 kΩ
CL = 100 pF
25
°C
60
Gain margin
RL = 500 kΩ,
CL = 100 pF
25
°C
15
dB
t
Settling time
VCC = 2.7 or 5 V,
V(STEP)PP = 1 V, CL = 100 pF,
AV = –1,
RL = 100 kΩ
0.1%
25
°C
1.84
ms
ts
Settling time
VCC = 15 V,
V(STEP)PP =1V CL = 100 pF
0.1%
25
°C
6.1
ms
V(STEP)PP = 1 V, CL = 100 F,
AV = –1,
RL = 100 kΩ
0.01%
32
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com