Electronic Components Datasheet Search
  English  ▼

X  

TLV2422 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2422
Description  Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2422 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2422 Datasheet HTML 1Page - Texas Instruments TLV2422 Datasheet HTML 2Page - Texas Instruments TLV2422 Datasheet HTML 3Page - Texas Instruments TLV2422 Datasheet HTML 4Page - Texas Instruments TLV2422 Datasheet HTML 5Page - Texas Instruments TLV2422 Datasheet HTML 6Page - Texas Instruments TLV2422 Datasheet HTML 7Page - Texas Instruments TLV2422 Datasheet HTML 8Page - Texas Instruments TLV2422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TLV2422, TLV2422A, TLV2422Y
Advanced LinCMOS
™ RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
SLOS199B – SEPTEMBER 1997 – REVISED SEPTEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
TSSOP
(PW)
CERAMIC
FLAT PACK
(U)
CHIP FORM
(Y)
0
°C to 70°C
2.5 mV
TLV2422CD
—
—
TLV2422CPWLE
—
40
°Cto85°C
950
µV
TLV2422AID
—
—
TLV2422AIPWLE
—
– 40
°C to 85°C
µ
2.5 mV
TLV2422ID
—
—
—
—
40
°Cto125°C
950
µV
TLV2422AQD
—
—
—
—
TLV2422Y
– 40
°C to 125°C
µ
2.5 mV
TLV2422QD
—
—
—
—
–55
°Cto125°C
950
µV
—
TLV2422AMFK
TLV2422AMJG
—
TLV2422AMU
– 55
°C to 125°C
µ
2 mV
—
TLV2422MFK
TLV2422MJG
—
TLV2422MU
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLV2422CDR). The PW package is available only left-end taped
and reeled. Chips are tested at 25
°C.
D OR JG PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN +
VDD –/GND
VDD+
2OUT
2IN –
2IN +
PW PACKAGE
(TOP VIEW)
NC
VDD +
2OUT
2IN –
2IN +
NC
1OUT
1IN –
1IN +
VDD–/GND
1
2
3
4
5
10
9
8
7
6
U PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN +
NC
FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD–/GND
VDD+
2OUT
2IN –
2IN +
NC – No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com