Electronic Components Datasheet Search
  English  ▼

X  

TLV2432 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2432
Description  Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2432 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2432 Datasheet HTML 1Page - Texas Instruments TLV2432 Datasheet HTML 2Page - Texas Instruments TLV2432 Datasheet HTML 3Page - Texas Instruments TLV2432 Datasheet HTML 4Page - Texas Instruments TLV2432 Datasheet HTML 5Page - Texas Instruments TLV2432 Datasheet HTML 6Page - Texas Instruments TLV2432 Datasheet HTML 7Page - Texas Instruments TLV2432 Datasheet HTML 8Page - Texas Instruments TLV2432 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TLV2432, TLV2432A, TLV2434, TLV2434A
Advanced LinCMOS
™ RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS168E – NOVEMBER 1996 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2432 and TLV2432A AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
TSSOP
(PW)
CERAMIC FLAT
PACK
(U)
0
°C to 70°C
2.5 mV
TLV2432CD
—
—
TLV2432CPW
—
40
°Cto85°C
950
µV
TLV2432AID
—
—
TLV2432AIPW
—
– 40
°C to 85°C
µ
2.5 mV
TLV2432ID
—
—
—
—
40
°Cto125°C
950
µV
TLV2432AQD
—
—
—
—
– 40
°C to 125°C
µ
2.5 mV
TLV2432QD
—
—
—
—
–55
°Cto125°C
950
µV
—
TLV2432AMFK
TLV2432AMJG
—
TLV2432AMU
– 55
°C to 125°C
µ
2.5 mV
—
TLV2432MFK
TLV2432MJG
—
TLV2432MU
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLV2432CDR). The PW package is available only left-end taped
and reeled.
TLV2434 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax AT 25°C
SMALL
OUTLINE
(D)
TSSOP
(PW)
0
°C to 70°C
2.5 mV
TLV2434CD
TLV2434CPW
–40
°Cto125°C
950
µV
TLV2434AID
TLV2434AIPW
– 40
°C to 125°C
µ
2.5 mV
TLV2434ID
TLV2434IPW
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLV2434CDR). The
PW package is available only left-end taped and reeled.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VDD+
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
VDD–/GND
3IN+
3IN –
3OUT
(TOP VIEW)
TLV2434
D OR PW PACKAGE
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN +
VDD –/GND
VDD+
2OUT
2IN –
2IN +
NC
VDD +
2OUT
2IN –
2IN +
NC
1OUT
1IN –
1IN +
VDD–/GND
1
2
3
4
5
10
9
8
7
6
TLV2432
U PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN +
NC
TLV2432
FK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD–/GND
VDD+
2OUT
2IN –
2IN +
NC – No internal connection
TLV2432
PW PACKAGE
(TOP VIEW)
TLV2432
D OR JG PACKAGE
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com