Electronic Components Datasheet Search
  English  ▼

X  

LPS204-M Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPS204-M
Description  Medical and ITE safeties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS204-M Datasheet(HTML) 2 Page - Emerson Network Power

  LPS204-M Datasheet HTML 1Page - Emerson Network Power LPS204-M Datasheet HTML 2Page - Emerson Network Power LPS204-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
MaximumLoadwith
ConvectionCooling
MaximumLoadwith
30CFMForcedAir
PeakLoad Regulation2
Ripple
P/P(PARD)3
LPS202-M
5V
0A
20A
40A
44A
±2%
50mV
LPS203-M
12V
0A
10.3A
20.8A
22A
±2%
120mV
LPS204-M
15V
0A
8.3A
16A
18A
±2%
150mV
LPS205-M
24V
0A
5.2A
10.4A
11.5A
±2%
240mV
LPS208-M
48V
0A
2.6A
5.2A
5.8A
±2%
480mV
1. Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20mHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
Rev. 4.30.09_#98
LPS200-M Series
2 of 3
Operatingtemperature:
0°to50°Cambientderateeachoutputas2.5%perdegreefrom50°to70°C.-20°C
start up
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4;
-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing10%to95%RH
Vibration:
IEC68-2-6tothelevelsofIEC721-3-2
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
PinAssignments
Connector LPS200-M
SK1
Pin1
Neutral
Pin3
Line
SK2
TB-1
Common
TB-2
Mainoutput
SK3
Pin1
+V1Remotesense
Pin 2
-V1Remotesense
Pin3
N/C
Pin4
N/C
Pin 5
+Powerfail
Pin6
Common
Pin7
N/C
Pin8
Common
Pin 9
+12VFan
Pin10
+12FanReturn(isolated)
MatingConnectors
ACInput(SK1): Molex09-50-8031(connector)
PINS:08-52-0113
ACGround:
Molex01-90020001
DCOutput
(SK2):
Molex19141-0058/0063/0083
SpadelugbasedonCableAmpacity/AWG
ControlSignals
(SK3):
Molex90142-0010(USA)
PINS:90119-2110or
Amp:87977-3
PINS:87309-8
EmersonNetworkPowerConnectorKit#70-841-020,includesallofthe
above.
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±0.02”(±0.5mm)
3. MountingholesMH1andMH2shouldbegroundedforEMIpurposes.
4. MountingholeMH1issafetygroundconnection.
5. Specificationsareforconvectionratingatfactorysettingsat115VAC
input,25°Cunlessotherwisestated.
6. Thispowersupplyrequiresmountingonmetal
standoffs0.20”(5m)inheight.
7. Warranty:2years
8. Weight:0.75lb/0.34kg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com