Electronic Components Datasheet Search
  English  ▼

X  

NFS40 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NFS40
Description  40 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS40 Datasheet(HTML) 1 Page - Emerson Network Power

  NFS40_09 Datasheet HTML 1Page - Emerson Network Power NFS40_09 Datasheet HTML 2Page - Emerson Network Power NFS40_09 Datasheet HTML 3Page - Emerson Network Power NFS40_09 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NFS40MedicalSeries
Single & Triple Output
Special Features
• 5.0 x 3.0 x 1.2 inch package
(1U applications)
• Industry standard package
• Overvoltage and short circuit
protection
• 40 W with free air convection
• EN55022, EN55011 conducted
noise level A
• UL, VDE and CSA safety approvals
• Available RoHS compliant
• 2 year warranty
Total Power:
40 - 50W
Input Voltage: 85 - 264 VAC
120 - 370 VDC
# of Outputs:
Single, triple
Safety
UL2601
CSA22.2 No. 125
IEC601/VDE0750
•
•
•
Rev.06.9.09_118
NFS40 Medical
1 of 4
Electrical Specifications
Output
Voltage adjustability:
+5 V output on triples
Vout on singles
± 5.0%
± 5.0%
Line regulation:
LL to HL, FL
Main output
Auxiliary outputs
± 0.2%
± 1.0%
Load regulation:
FL to NL
Main output
Auxiliary outputs
± 2.0%
± 5.0%
Transient response:
+5 V (1.5 - 3 A step)
± 120 mV max. dev.
500 µs recovery
Temperature coefficient:
All outputs
±0.02%/°C
Overvoltage protection:
+5 V output
6.25 ± 0.75 Vout
Output power limit:
Primary power limited
90 W input power limit
Short circuit protection:
Single outputs
Multiple outputs
Continuous
Short term
Input
Input voltage range:
85 - 264 Vac
120 - 370 Vdc
Input frequency range:
47 - 440 Hz
Input surge current:
110 Vac, 60 Hz, cold start
230 Vac, 50 Hz, cold start
10 A
22 A
Safety ground leakage
current:
110 Vac, 60 Hz
230 Vac, 50 Hz
18 µA max.
28 µA max.


Similar Part No. - NFS40_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFS40-7605 ETC-NFS40-7605 Datasheet
49Kb / 3P
Single and triple output
logo
Emerson Network Power
NFS40-7605J EMERSON-NETWORKPOWER-NFS40-7605J Datasheet
1Mb / 4P
5.0 x 3.0 x 1.2 inch package
logo
Artesyn Technologies
NFS40-7605J ARTESYN-NFS40-7605J Datasheet
461Kb / 4P
SIngle and triple output 40 - 50W
logo
List of Unclassifed Man...
NFS40-7607 ETC-NFS40-7607 Datasheet
49Kb / 3P
Single and triple output
logo
Artesyn Technologies
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
SIngle and triple output
More results

Similar Description - NFS40_09

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS80 EMERSON-NETWORKPOWER-NFS80 Datasheet
245Kb / 4P
80 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
65 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL_09 Datasheet
959Kb / 4P
65 W universal input ac-dc power supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
150 Watt AC/DC Power Supply Universal Input
OBH40D ETA-USA-OBH40D Datasheet
689Kb / 7P
AC/DC SWITCHING POWER SUPPLY DUAL CHANNEL OUTPUT 40 WATTS UNIVERSAL INPUT
OBH40S ETA-USA-OBH40S Datasheet
686Kb / 7P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 40 WATTS UNIVERSAL INPUT
OBH40T ETA-USA-OBH40T Datasheet
691Kb / 7P
AC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 40 WATTS UNIVERSAL INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com