Electronic Components Datasheet Search
  English  ▼

X  

TLV2444CD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2444CD
Description  Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2444CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2444CD Datasheet HTML 7Page - Texas Instruments TLV2444CD Datasheet HTML 8Page - Texas Instruments TLV2444CD Datasheet HTML 9Page - Texas Instruments TLV2444CD Datasheet HTML 10Page - Texas Instruments TLV2444CD Datasheet HTML 11Page - Texas Instruments TLV2444CD Datasheet HTML 12Page - Texas Instruments TLV2444CD Datasheet HTML 13Page - Texas Instruments TLV2444CD Datasheet HTML 14Page - Texas Instruments TLV2444CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
™ RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169F – NOVEMBER 1996 – REVISED NOVEMBER 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
9
6
3
0
12
15
DISTRIBUTION OF TLV2442 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
αVIO – Temperature Coefficient – µV/°C
–8 –7 –6
–5 –4 –3 –2 –1
0123
4
32 Amplifiers From 1
Wafer Lot
VDD = ± 1.5 V
P Package
25
°C to 125°C
Figure 7
9
6
3
0
12
15
DISTRIBUTION OF TLV2442 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
αVIO – Temperature Coefficient – µV/°C
–7 –6
–5 –4 –3 –2 –1
0
1
2
3
4
–8
18
32 Amplifiers From 2
Wafer Lots
VDD = ± 2.5 V
P Package
25
°C to 125°C
Figure 8
15
10
5
0
25
45
65
85
20
25
30
105
125
INPUT BIAS AND INPUT OFFSET CURRENTS
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
35
VDD = ± 2.5 V
VIC = 0
VO = 0
RS = 50 Ω
IIB
IIO
Figure 9
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
3
2.5
2
1.5
1
0.5
0
02
4
6
8
10
12
IOH – High-Level Output Current – mA
VDD = 3 V
TA = 125°C
TA = 85°C TA = 25°C
TA = – 40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com