Electronic Components Datasheet Search
  English  ▼

X  

TLV431 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV431 Datasheet HTML 14Page - Texas Instruments TLV431 Datasheet HTML 15Page - Texas Instruments TLV431 Datasheet HTML 16Page - Texas Instruments TLV431 Datasheet HTML 17Page - Texas Instruments TLV431 Datasheet HTML 18Page - Texas Instruments TLV431 Datasheet HTML 19Page - Texas Instruments TLV431 Datasheet HTML 20Page - Texas Instruments TLV431 Datasheet HTML 21Page - Texas Instruments TLV431 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TLV431, TLV431A, TLV431B
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139R − JULY 1996 − REVISED SEPTEMBER 2005
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
~
~
P
−
+
P
P
VCC
VFB
Current
Sense
Gate Drive
GND
Controller
P
P
PP
TLV431
or
TLV431A
or
TLV431B
VO
3.3 V
VI
120 V
Figure 18. Flyback With Isolation Using TLV431, TLV431A, or TLV431B
as Voltage Reference and Error Amplifier
Figure 18 shows the TLV431, TLV431A, or TLV431B used in a 3.3-V isolated flyback supply. Output voltage VO
can be as low as reference voltage VREF (1.24 V ± 1%). The output of the regulator, plus the forward voltage
drop of the optocoupler LED (1.24 + 1.4 = 2.64 V), determine the minimum voltage that can be regulated in an
isolated supply configuration. Regulated voltage as low as 2.7 Vdc is possible in the topology shown in
Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com