Electronic Components Datasheet Search
  English  ▼

X  

TLV5626 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5626
Description  2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5626 Datasheet(HTML) 3 Page - Texas Instruments

  TLV5626 Datasheet HTML 1Page - Texas Instruments TLV5626 Datasheet HTML 2Page - Texas Instruments TLV5626 Datasheet HTML 3Page - Texas Instruments TLV5626 Datasheet HTML 4Page - Texas Instruments TLV5626 Datasheet HTML 5Page - Texas Instruments TLV5626 Datasheet HTML 6Page - Texas Instruments TLV5626 Datasheet HTML 7Page - Texas Instruments TLV5626 Datasheet HTML 8Page - Texas Instruments TLV5626 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLV5626
2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS236 –JUNE 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage (VDD to AGND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLV5626C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV5626I
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage VDD
VDD = 5 V
4.5
5
5.5
V
Supply voltage, VDD
VDD = 3 V
2.7
3
3.3
V
Power on threshold voltage, POR
0.55
2
V
High-level digital input voltage, VIH
VDD = 2.7 V to 5.5 V
2
V
Low-level digital input voltage, VIL
VDD = 2.7 V to 5.5 V
0.8
V
Reference voltage, Vref to REF terminal
VDD = 5 V (see Note 1)
AGND
2.048
VDD –1.5
V
Reference voltage, Vref to REF terminal
VDD = 3 V (see Note 1)
AGND
1.024
VDD – 1.5
V
Load resistance, RL
2
k
Ω
Load capacitance, CL
100
pF
Clock frequency, fCLK
20
MHz
Operating free air temperature TA
TLV5626C
0
70
°C
Operating free-air temperature, TA
TLV5626I
–40
85
°C
NOTE 1: Due to the x2 output buffer, a reference input voltage
≥ (VDD – 0.4 V)/2 causes clipping of the transfer function. The output buffer of the
internal reference must be disabled, if an external reference is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com