Electronic Components Datasheet Search
  English  ▼

X  

TLV5620 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5620
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5620 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5620 Datasheet HTML 1Page - Texas Instruments TLV5620 Datasheet HTML 2Page - Texas Instruments TLV5620 Datasheet HTML 3Page - Texas Instruments TLV5620 Datasheet HTML 4Page - Texas Instruments TLV5620 Datasheet HTML 5Page - Texas Instruments TLV5620 Datasheet HTML 6Page - Texas Instruments TLV5620 Datasheet HTML 7Page - Texas Instruments TLV5620 Datasheet HTML 8Page - Texas Instruments TLV5620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLV5620C, TLV5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS110B – JANUARY 1995 – REVISED APRIL 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Four 8-Bit Voltage Output DACs
D 3-V Single-Supply Operation
D Serial Interface
D High-Impedance Reference Inputs
D Programmable for 1 or 2 Times Output
Range
D Simultaneous Update Facility
D Internal Power-On Reset
D Low-Power Consumption
D Half-Buffered Output
applications
D Programmable Voltage Sources
D Digitally Controlled Amplifiers/Attenuators
D Mobile Communications
D Automatic Test Equipment
D Process Monitoring and Control
D Signal Synthesis
description
The TLV5620C and TLV5620I are quadruple 8-bit voltage output digital-to-analog converters (DACs) with
buffered reference inputs (high impedance). The DACs produce an output voltage that ranges between either
one or two times the reference voltages and GND; and, the DACs are monotonic. The device is simple to use,
because it runs from a single supply of 3 V to 3.6 V. A power-on reset function is incorporated to ensure
repeatable start-up conditions.
Digital control of the TLV5620C and TLV5620I is over a simple three-wire serial bus that is CMOS compatible
and easily interfaced to all popular microprocessor and microcontroller devices. The 11-bit command word
comprises eight bits of data, two DAC select bits, and a range bit, the latter allowing selection between the times
1 or times 2 output range. The DAC registers are double buffered, allowing a complete set of new values to be
written to the device, then all DAC outputs update simultaneously through control of LDAC. The digital inputs
feature Schmitt triggers for high noise immunity.
The 14-terminal small-outline (SO) package allows digital control of analog functions in space-critical
applications. The TLV5620C is characterized for operation from 0
°C to 70°C. The TLV5620I is characterized
for operation from – 40
°C to 85°C. The TLV5620C and TLV5620I do not require external trimming.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
0
°C to 70°C
TLV5620CD
TLV5620CN
–40
°C to 85°C
TLV5620ID
TLV5620IN
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
REFA
REFB
REFC
REFD
DATA
CLK
VDD
LDAC
DACA
DACB
DACC
DACD
LOAD
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - TLV5620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620 TI2-TLV5620 Datasheet
297Kb / 17P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
REVISED APRIL 1997
TLV5620C TI-TLV5620C Datasheet
734Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI2-TLV5620C Datasheet
297Kb / 17P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
REVISED APRIL 1997
TLV5620CD TI1-TLV5620CD Datasheet
721Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CD TI2-TLV5620CD Datasheet
297Kb / 17P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
REVISED APRIL 1997
More results

Similar Description - TLV5620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com