Electronic Components Datasheet Search
  English  ▼

X  

TLV824IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV824IPWR
Description  OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV824IPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLV824IPWR Datasheet HTML 1Page - Texas Instruments TLV824IPWR Datasheet HTML 2Page - Texas Instruments TLV824IPWR Datasheet HTML 3Page - Texas Instruments TLV824IPWR Datasheet HTML 4Page - Texas Instruments TLV824IPWR Datasheet HTML 5Page - Texas Instruments TLV824IPWR Datasheet HTML 6Page - Texas Instruments TLV824IPWR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLV821 SINGLE/TLV822 DUAL/TLV824 QUAD
OPERATIONAL AMPLIFIERS
SLOS296A – FEBRUARY 2000 – REVISED MAY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2.7-V and 5-V Performance
D No Crossover Distortion
D Low Supply Current at VCC+ = 5 V:
TLV821 . . . 0.3 mA Typ
TLV822 . . . 0.5 mA Typ
TLV824 ...1 mA Typ
D Rail-to-Rail Output Swing
D Pin-to-Pin Compatible with LMV821,
LMV822, and LMV824 Devices
D Package Options Include Plastic
Small-Outline (D), Small-Outline Transistor
(SOT-23 DBV, SC-70 DCK), and Thin Shrink
Small-Outline (PW) Packages
description
The TLV821, TLV822, and TLV824 devices are
low-voltage (2.5 V to 5.5 V) low-power operational
amplifiers, designed to be functionally and
pin-to-pin compatible with the LMV821, LMV822,
and LMV824 devices. Electrical characteristics
are very similar to the LMV3xx operational
amplifiers (low supply current, rail-to-rail outputs,
input common-mode range, which includes
ground). The TLV8xx devices have a significantly
higher bandwidth (8 MHz typically) and a 2.5-V/
ms
slew rate. The TLV821 is a single, the TLV822 is
a dual, and the TLV824 is a quad operational
amplifier.
These devices are the most cost-effective solution for applications requiring low-voltage/low-power operation
and space-saving considerations. The TLV821 is available in the ultra-small DCK package, which is
approximately half the size of the DBV package. The DCK package saves space on PC boards and enables
the design of small portable electronic devices (cordless and cellular phones, laptops, PDAs, PCMIAs). It also
allows the designer to place the device closer to the signal source to reduce noise pickup and increase signal
integrity.
The TLV821I, TLV822I, and TLV824I devices are characterized for operation from – 40
°C to 85°C.
symbol (each amplifier)
OUT
IN–
IN+
_
+
Copyright
© 2000, Texas Instruments Incorporated
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VCC+
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
GND
3IN+
3IN –
3OUT
TLV824 ...D OR PW PACKAGE
(TOP VIEW)
TLV822 ...D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VCC+
2OUT
2IN –
2IN +
TLV821 . . . DBV OR DCK PACKAGE
(TOP VIEW)
VCC+
1
2
3
5
4
IN+
GND
IN–
OUT
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - TLV824IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV825 TI2-TLV825 Datasheet
3Mb / 54P
TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers
MAY 2026
TLV825DBVR TI2-TLV825DBVR Datasheet
3Mb / 54P
TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers
MAY 2026
TLV825DCKR TI2-TLV825DCKR Datasheet
3Mb / 54P
TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers
MAY 2026
More results

Similar Description - TLV824IPWR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com