Electronic Components Datasheet Search
  English  ▼

X  

TLV824 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV824
Description  OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV824 Datasheet(HTML) 2 Page - Texas Instruments

  TLV824 Datasheet HTML 1Page - Texas Instruments TLV824 Datasheet HTML 2Page - Texas Instruments TLV824 Datasheet HTML 3Page - Texas Instruments TLV824 Datasheet HTML 4Page - Texas Instruments TLV824 Datasheet HTML 5Page - Texas Instruments TLV824 Datasheet HTML 6Page - Texas Instruments TLV824 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLV821 SINGLE/TLV822 DUAL/TLV824 QUAD
OPERATIONAL AMPLIFIERS
SLOS296A – FEBRUARY 2000 – REVISED MAY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TA
PACKAGE
PACKAGED DEVICES
TA
TYPE
SINGLE
DUAL
QUADRUPLE
5 pin SOT
TLV821IDCKR
—
—
5-pin SOT
TLV821IDBVR
—
—
–40
°C to 85°C
8-pin SOIC
—
TLV822ID
—
8-pin TSSOP
—
TLV822IPWR
—
14-pin SOIC
—
—
TLV824ID
14-pin TSSOP
—
—
TLV824IPWR
The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLV824IDR).
The DCK, DBV, and PW packages are only available left-end taped and reeled.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (either input)
0 to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C,
VCC ≤ 5.5 V (see Note 3)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 4 and 5): D (8-pin) package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . .
D (14-pin) package
86
°C/W
. . . . . . . . . . . . . . . . . . . .
DBV package
347
°C/W
. . . . . . . . . . . . . . . . . . . . . . . .
DCK package
389
°C/W
. . . . . . . . . . . . . . . . . . . . . . . .
PW (8-pin) package
149
°C/W
. . . . . . . . . . . . . . . . . . .
PW (14-pin) package
113
°C/W
. . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or PW package
260
°C
. . . . . . . . . . . . . .
Storage temperature range, Tstg
–65 to 150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
2. Differential voltages are at IN+ with respect to IN–.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
4. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
5. The package thermal impedance is calculated in accordance with JESD 51.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com