Electronic Components Datasheet Search
  English  ▼

X  

1900 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # 1900
Description  TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

1900 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  1900 Datasheet HTML 1Page - IRC - a TT electronics Company. 1900 Datasheet HTML 2Page - IRC - a TT electronics Company. 1900 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
A ±0.020
0.250
″ ±0.010
SEATING PLANE
0.135
″
+0.015
-0.010
0.105
″ ±0.020
0.135
″
+0.015
-0.010
0.050
″
±0.015
0.100
″
±0.005
Typ.
Non-Cumulative
0.050
″
±0.003
0.020
″ ±0.001 Typ.
0.025
″
±0.005
0.080
″ MAX
0.205
″
0.300
″
+0.015
-0.010
0.010
″
+0.001
0.020
″ MAX
MENISCUS
0.010
″
Physical Data
Environmental Data
Test Per MIL-PRF-83401
MIL-PRF-83401 Limits (Delta R%)
TaNFilm Test Data (Delta R%)
M
K
H
Max
Typical
Thermal Shock And Power Conditioning
0.7
0.7
0.5
0.10
0.02
Low Temperature Operation
0.5
0.25
0.1
0.1
0.02
Short-term Overload
0.5
0.25
0.1
0.05
0.02
Terminal Strength
0.25
0.25
0.25
0.1
0.02
Resistance To Solder Heat
0.25
0.25
0.1
0.1
0.02
Moisture Resistance
0.5
0.5
0.4
0.1
0.02
Shock
0.25
0.25
0.25
0.1
0.02
Vibration
0.25
0.25
0.25
0.1
0.02
Life
2.0
0.5
0.5
0.1
0.02
High Temperature Exposure
1.0
0.5
0.2
0.1
0.02
Low Temperature Storage
0.5
0.25
0.1
0.1
0.02
25°C Double Load
2.0
0.5
0.5
0.05
0.02
No.
Pins
IRC
Model
Number
Std
Mil Spec
Style
Hi Rel
Mil
Style
Dim.
A
14
198x
01
13
0.700"
16
199x
02
14
0.800"
TaNFilm® Precision DIP Network
Commercial and MIL Qualified
1900 Series Issue January 2009 Sheet 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com