Electronic Components Datasheet Search
  English  ▼

X  

CHC Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CHC
Description  Ceramic Ball Grid Termination Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHC Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CHC Datasheet HTML 1Page - IRC - a TT electronics Company. CHC Datasheet HTML 2Page - IRC - a TT electronics Company. CHC Datasheet HTML 3Page - IRC - a TT electronics Company. CHC Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CHC Series Issue April 2009 Sheet 2 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Ceramic Ball Grid
Termination Arrays
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
Frequency (GHz)
Average return loss for 1mm pitched bussed schematic respect to reference pin.
Where reference pins are B1 to B9 referring to CC0910B schematic.
0
5
10
15
20
25
30
35
40
45
50
Frequency (GHz)
0
2
4
6
8
10
12
14
16
18
20
Average return loss for 0.65mm pitched bussed schematic for elements away from reference pins.
For example: CB0565B, reference pins are A3 or B3
Typical Return Loss For CD1065B-01-50R0-F
Return Loss Data (50Ω Nominal)
Typical Return Loss For CC0910B-01-50R0-F
Eye Diagram Data
Ideal Terminator
IRC CHC-CC0910B-01-50R0-F Terminator
140
130
120
110
100
90
80
40
50
60
70
10
20
30
0
0.2
0.5
0.4
0.3
0.1
0.0
1.1
1.0
0.9
0.8
0.7
0.6
1.2
150
Time, nsec
Ideal 50Ω Terminator
Impedance response to 100psec rising edge
Impedance Response Data
140
130
120
110
100
90
80
40
50
60
70
10
20
30
0
0.2
0.5
0.4
0.3
0.1
0.0
1.1
1.0
0.9
0.8
0.7
0.6
1.2
150
Time, nsec
IRC CHC-CC0910B-01-50R0-F Terminator
Impedance response to 100psec rising edge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com