Electronic Components Datasheet Search
  English  ▼

X  

TMS320F240 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS320F240
Description  DSP CONTROLLERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F240 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320F240 Datasheet HTML 11Page - Texas Instruments TMS320F240 Datasheet HTML 12Page - Texas Instruments TMS320F240 Datasheet HTML 13Page - Texas Instruments TMS320F240 Datasheet HTML 14Page - Texas Instruments TMS320F240 Datasheet HTML 15Page - Texas Instruments TMS320F240 Datasheet HTML 16Page - Texas Instruments TMS320F240 Datasheet HTML 17Page - Texas Instruments TMS320F240 Datasheet HTML 18Page - Texas Instruments TMS320F240 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 105 page
background image
TMS320C240, TMS320F240
DSP CONTROLLERS
SPRS042D – OCTOBER 1996 – REVISED NOVEMBER 1998
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
peripheral memory map
The TMS320x240 system and peripheral control register frame contains all the data, status, and control bits
to operate the system and peripheral modules on the device (excluding the event manager).
Global-Memory Allocation
Register
0000
0003
0004
0005
0000
Memory-Mapped Registers
and Reserved
005F
0060
On-Chip DARAM B2
02FF
0300
01FF
0200
03FF
On-Chip
DARAM B1
0400
Reserved
73FF
Peripheral Frame 1
7400
77FF
7800
External
FFFF
7000 – 700F
Reserved
0007
Emulation Registers
and Reserved
Peripheral Frame 2
Reserved
On-Chip DARAM
B0 (CNF = 0)
Reserved (CNF = 1)
Interrupt-Mask Register
Illegal
System Configuration and
Control Registers
Watchdog Timer and
PLL Control Registers
Illegal
Digital-I/O Control Registers
Illegal
Reserved
Reserved
Interrupt Mask, Vector and
Flag Registers
0006
005F
007F
0080
07FF
7000
743F
7440
7010 – 701F
7020 – 702F
7030 – 703F
7040 – 704F
7050 – 705F
7060 – 706F
7070 – 707F
7080 – 708F
7090 – 709F
7400 – 740C
7411 – 741C
7420 – 7426
7427 – 742B
742C – 7434
7435 – 743F
Interrupt Flag Register
SPI
SCI
Illegal
External-Interrupt Registers
ADC
General-Purpose
Timer Registers
Capture & QEP Registers
Compare, PWM, and
Deadband Registers
Reserved
7FFF
8000
Illegal
0800
6FFF
Illegal
Hex
Hex
70A0 – 73FF
Reserved
Reserved
741D – 741F
740D – 7410
Figure 2. Peripheral Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com