Electronic Components Datasheet Search
  English  ▼

X  

TMS320C25FNAR Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320C25FNAR
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C25FNAR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320C25FNAR Datasheet HTML 27Page - Texas Instruments TMS320C25FNAR Datasheet HTML 28Page - Texas Instruments TMS320C25FNAR Datasheet HTML 29Page - Texas Instruments TMS320C25FNAR Datasheet HTML 30Page - Texas Instruments TMS320C25FNAR Datasheet HTML 31Page - Texas Instruments TMS320C25FNAR Datasheet HTML 32Page - Texas Instruments TMS320C25FNAR Datasheet HTML 33Page - Texas Instruments TMS320C25FNAR Datasheet HTML 34Page - Texas Instruments TMS320C25FNAR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
TMS320C25, TMS320E25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
31
RS, INT, BIO, AND XF TIMING
switching characteristics over recommended operating conditions (see Note 3 and 8)
PARAMETER
MIN
TYP
MAX
UNIT
td(RS)
CLKOUT1 low to reset state entered
22†
ns
td(IACK)
CLKOUT1 to IACK valid
– 6
0
12
ns
td(XF)
XF valid before falling edge of STRB
Q – 15
ns
NOTES: 3. Q = 1/4tc(C).
8. RS, INT, and BIO are asynchronous inputs and can occur at any time during a clock cycle. However, if the specified setup time is
met, the exact sequence shown in the timing diagrams will occur.
timing requirements over recommended operating conditions (see Note 3 and 8)
MIN
NOM
MAX
UNIT
tsu(IN)
INT/BIO/RS setup before CLKOUT1 high
32
ns
th(IN)
INT/BIO/RS hold after CLKOUT1 high
0
ns
tf(IN)
INT/BIO fall time
8†
ns
tw(IN)
INT/BIO low pulse duration
tc(C)
ns
tw(RS)
RS low pulse duration
3tc(C)
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4tc(C).
8. RS, INT, and BIO are asynchronous inputs and can occur at any time during a clock cycle. However, if the specified setup time is
met, the exact sequence shown in the timing diagrams will occur.
HOLD TIMING
switching characteristics over recommended operating conditions (see Note 3)
PARAMETER
MIN
TYP
MAX
UNIT
td(C1L-AL)
HOLDA low after CLKOUT1 low
0
10
ns
tdis(AL-A)
HOLDA low to address three-state
0†
ns
tdis(C1L-A)
Address three-state after CLKOUT1 low (HOLD mode, see Note 9)
20†
ns
td(HH-AH)
HOLD high to HOLDA high
25
ns
ten(A-C1L)
Address driven before CLKOUT1 low (HOLD mode, see Note 9)
8†
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4tc(C).
9. A15-A0, PS, DS, IS, STRB, and R/W timings are all included in timings referenced as “address.”
timing requirements over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
td(C2H-H)
HOLD valid after CLKOUT2 high
Q – 24
ns
NOTE 3:
Q = 1/4tc(C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com