Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 44Page - Texas Instruments TMS320C51 Datasheet HTML 45Page - Texas Instruments TMS320C51 Datasheet HTML 46Page - Texas Instruments TMS320C51 Datasheet HTML 47Page - Texas Instruments TMS320C51 Datasheet HTML 48Page - Texas Instruments TMS320C51 Datasheet HTML 49Page - Texas Instruments TMS320C51 Datasheet HTML 50Page - Texas Instruments TMS320C51 Datasheet HTML 51Page - Texas Instruments TMS320C51 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (’320LC5x only)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = 300 µA
2.0
V
VOH
gg
(see Note 4)
IOH = 20 µA
VDD – 0.3‡
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
V
VOL
g
(see Note 4)
IOL = 20 µA
0.3‡
V
I
High-impedance output current
BR (with internal pullup)
– 500
20
A
IOZ
High im edance out ut current
(VDD = 3.47 V)
All other 3-state outputs
–20
20
µA
TRST(with internal pulldown)
–10
800
TMS, TCK, TDI pins (with internal pullups)
– 500
10
II
Input current (VI = VSS to VDD) X2/CLKIN (oscillator enabled)
–50
50
µA
I
( ISS
DD)
X2/CLKIN (oscillator disabled)
–10
10
µ
All other inputs
–10
10
fx = 40 MHz,
VDD = 3.47 V
26
IDD(core)
Supply current, core CPU
fx = 50 MHz,
VDD = 3.47 V
33
mA
()
fx = 80 MHz,
VDD = 3.47 V
53
fx = 40 MHz,
VDD = 3.47 V
18
IDD(pins)
Supply current, pins
fx = 50 MHz,
VDD = 3.47 V
22
mA
()
fx = 80 MHz,
VDD = 3.47 V
35
IDD(standby) Supply current, standby
IDLE2, divide-by-two clock mode, clocks
shut off
5
µA
Ci
Input capacitance
15
pF
Co
Output capacitance
15
pF
† All typical values are at VDD = 3.3 V, TA = 25°C.
‡ Values derived from characterization data and not tested
NOTE 4: Figure 9 shows the test load circuit and Figure 10 and Figure 11 show the voltage reference levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com