Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6701 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6701
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6701 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C6701 Datasheet HTML 35Page - Texas Instruments TMS320C6701 Datasheet HTML 36Page - Texas Instruments TMS320C6701 Datasheet HTML 37Page - Texas Instruments TMS320C6701 Datasheet HTML 38Page - Texas Instruments TMS320C6701 Datasheet HTML 39Page - Texas Instruments TMS320C6701 Datasheet HTML 40Page - Texas Instruments TMS320C6701 Datasheet HTML 41Page - Texas Instruments TMS320C6701 Datasheet HTML 42Page - Texas Instruments TMS320C6701 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
TMS320C6701
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SPRS067F − MAY 1998 − REVISED MARCH 2004
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
SYNCHRONOUS-BURST MEMORY TIMING (CONTINUED)
timing requirements for synchronous-burst SRAM cycles (half-rate SSCLK) (see Figure 18)
NO.
C6701-120
C6701-150
C6701-167
UNIT
MIN
MAX
7
tsu(EDV-SSCLKH)
Setup time, read EDx valid before SSCLK high
3.6
ns
8
th(SSCLKH-EDV)
Hold time, read EDx valid after SSCLK high
1.5
ns
switching characteristics for synchronous-burst SRAM cycles† (half-rate SSCLK)
(see Figure 18 and Figure 19)
NO.
PARAMETER
C6701-120
C6701-150
C6701-167
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1
tosu(CEV-SSCLKH)
Output setup time, CEx valid before SSCLK high
1.5P − 4.5
1.5P − 4.5
ns
2
toh(SSCLKH-CEV)
Output hold time, CEx valid after SSCLK high
0.5P − 2.5
0.5P − 2
ns
3
tosu(BEV-SSCLKH)
Output setup time, BEx valid before SSCLK high
1.5P − 4.5
1.5P − 4.5
ns
4
toh(SSCLKH-BEIV)
Output hold time, BEx invalid after SSCLK high
0.5P − 2.5
0.5P − 2
ns
5
tosu(EAV-SSCLKH)
Output setup time, EAx valid before SSCLK high
1.5P − 4.5
1.5P − 4.5
ns
6
toh(SSCLKH-EAIV)
Output hold time, EAx invalid after SSCLK high
0.5P − 2.5
0.5P − 2
ns
9
tosu(ADSV-SSCLKH)
Output setup time, SSADS valid before SSCLK high
1.5P − 4.5
1.5P − 4.5
ns
10
toh(SSCLKH-ADSV)
Output hold time, SSADS valid after SSCLK high
0.5P − 2.5
0.5P − 2
ns
11
tosu(OEV-SSCLKH)
Output setup time, SSOE valid before SSCLK high
1.5P − 4.5
1.5P − 4.5
ns
12
toh(SSCLKH-OEV)
Output hold time, SSOE valid after SSCLK high
0.5P − 2.5
0.5P − 2
ns
13
tosu(EDV-SSCLKH)
Output setup time, EDx valid before SSCLK high
1.5P − 4.5
1.5P − 4.5
ns
14
toh(SSCLKH-EDIV)
Output hold time, EDx invalid after SSCLK high
0.5P − 2.5
0.5P − 2
ns
15
tosu(WEV-SSCLKH)
Output setup time, SSWE valid before SSCLK high
1.5P − 4.5
1.5P − 4.5
ns
16
toh(SSCLKH-WEV)
Output hold time, SSWE valid after SSCLK high
0.5P − 2.5
0.5P − 2
ns
† When the PLL is used (CLKMODE x4), P = 1/CPU clock frequency in ns. For example, when running parts at 167 MHz, use P = 6 ns.
For CLKMODE x1:
1.5P = P + PH, where P = 1/CPU clock frequency, and PH = pulse duration of CLKIN high.
0.5P = PL, where PL = pulse duration of CLKIN low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com