Electronic Components Datasheet Search
  English  ▼

X  

TMS32025 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS32025
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS32025 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS32025 Datasheet HTML 30Page - Texas Instruments TMS32025 Datasheet HTML 31Page - Texas Instruments TMS32025 Datasheet HTML 32Page - Texas Instruments TMS32025 Datasheet HTML 33Page - Texas Instruments TMS32025 Datasheet HTML 34Page - Texas Instruments TMS32025 Datasheet HTML 35Page - Texas Instruments TMS32025 Datasheet HTML 36Page - Texas Instruments TMS32025 Datasheet HTML 37Page - Texas Instruments TMS32025 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
ICC
TA = 0°C, VCC = MAX, fx = MAX
mA
Supply current
TMS320C25-50
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
34
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage range, VCC‡
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
1.5 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the “Recommended Operating Conditions” section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VSS
Supply voltage
0
V
INT0-INT2
2.5
V
VIH
High-level input voltage
CLKIN, CLKX, CLKR
3.5
V
Other inputs
2.35
V
MP/MC
0.8
V
VIL
Low-level input voltage
CLKIN
0.8
V
Other inputs
0.8
V
IOH
High-level output current
300
µA
IOL
Low-level output current
2
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over specified free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
VOH
High-level output voltage
VCC = MIN, IOH = MAX
2.4
V
VOL
Low-level output voltage
VCC = MIN, IOL = MAX
0.6
V
IZ
High-impedance current
VCC = MAX
– 20
20
µA
II
Input current
VI = VSS to VCC
– 10
10
µA
Normal
110
185
Idle, HOLD
50
100
CI
Input capacitance
15
pF
CO
Output capacitance
15
pF
§ All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com