| Electronic Components Datasheet Search |
|
TMS320VC5402 Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5402 Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 68 page ![]() TMS320VC5402 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000 35 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 electrical characteristics over recommended operating case temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VOH High-level output voltage IOH = MAX 2.4 V VOL Low-level output voltage IOL = MAX 0.4 V IIZ Input current for outputs in high D[15:0], HD[7:0] Bus holders enabled, DVDD = MAX, VI = VSS to DVDD –175 175 µA IIZ out uts in high impedance All other inputs DVDD = MAX, VO = VSS to DVDD –5 5 µA X2/CLKIN} –40 40 TRST With internal pulldown –5 300 II Input current HPIENA With internal pulldown (VI = VSS –5 300 µA II ucu e TMS, TCK, TDI, HPIw With internal pullups, HPIENA = 0 ( ISS to DVDD) –300 5 µA All other input only pins 5 5 All other input-only pins –5 5 IDDC Supply current, core CPU CVDD = 1.8 V, fclock = 100 MHz¶, TC = 25°C# 45 mA IDDP Supply current, pins DVDD = 3.3 V, fclock = 100 MHz¶, TC = 25°C|| 30 mA IDD Supply current, IDLE2 PLL × 1 mode, 100 MHz input 2 mA IDD Su ly current, standby IDLE3 Divide-by-two mode, CLKIN stopped 20 µA Ci Input capacitance 5 pF Co Output capacitance 5 pF † All values are typical unless otherwise specified. ‡ All revisions of the ’5402 can be operated with an external clock source, provided that the proper voltage levels be driven on the X2/CLKIN pin. It should be noted that the X2/CLKIN pin is referenced to the device 1.8V power supply (CVdd), rather than the 3V I/O supply (DVdd). Refer to the recommended operating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin. § HPI input signals except for HPIENA. ¶ Clock mode: PLL × 1 with external source # This value represents the current consumption of the CPU, on-chip memory, and on-chip peripherals. Conditions include: program execution from on-chip RAM, with 50% usage of MAC and 50% usage of NOP instructions. Actual operating current varies with program being executed. || This value was obtained using the following conditions: external memory writes at a rate of 20 million writes per second, CLKOFF=0, full-duplex operation of McBSP0 and McBSP1 at a rate of 10 million bits per second each, and 15-pF loads on all outputs. For more details on how this calculation is performed, refer to the Calculation of TMS320C54x Power Dissipation Application Report (literature number SPRA164). PARAMETER MEASUREMENT INFORMATION Tester Pin Electronics VLoad IOL CT IOH Output Under Test 50 Ω Where: IOL = 1.5 mA (all outputs) IOH = 300 µA (all outputs) VLoad = 1.5 V CT = 40 pF typical load circuit capacitance Figure 9. 3.3-V Test Load Circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |