Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC548 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320LC548
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC548 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320LC548 Datasheet HTML 93Page - Texas Instruments TMS320LC548 Datasheet HTML 94Page - Texas Instruments TMS320LC548 Datasheet HTML 95Page - Texas Instruments TMS320LC548 Datasheet HTML 96Page - Texas Instruments TMS320LC548 Datasheet HTML 97Page - Texas Instruments TMS320LC548 Datasheet HTML 98Page - Texas Instruments TMS320LC548 Datasheet HTML 99Page - Texas Instruments TMS320LC548 Datasheet HTML 100Page - Texas Instruments TMS320LC548 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
97
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial-port receive timing in TDM mode
timing requirements for serial-port receive in TDM mode [H = 0.5tc(CO)] (’542/’543 only)
(see Figure 38)
’542
’543
UNIT
MIN
MAX
UNIT
tc(SCK)
Cycle time, serial-port clock
8H
†
ns
tf(SCK)
Fall time, serial-port clock
6
ns
tr(SCK)
Rise time, serial-port clock
6
ns
tw(SCK)
Pulse duration, serial-port clock low/high
4H
ns
tsu(TD-TCL)
Setup time, TDAT/TADD before TCLK falling edge
–(3H–9)
ns
th(TCH-TD)
Hold time, TDAT/TADD after TCLK rising edge, tw(SCKL) < 5H
0
ns
th(TCL-TD)
Hold time, TDAT/TADD after TCLK falling edge, tw(SCKL) > 5H
5H+5
ns
tsu(TF-TCH)
Setup time, TFRM before TCLK rising edge‡
10
ns
th(TCH-TF)
Hold time, TFRM after TCLK rising edge‡
10
ns
† The serial-port design is fully static and, therefore, can operate with tc(SCK)approachinginfinity.Itischaracterizedapproachinganinputfrequency
of 0 Hz but tested at a much higher frequency to minimize test time.
‡ TFRM timing and waveforms shown in Figure 38 are for external TFRM. TFRM can also be configured as internal. The TFRM internal case is
illustrated in the transmit timing diagram in Figure 39.
timing requirements for serial-port receive in TDM mode [H = 0.5tc(CO)] (’54x devices other than
’542/’543) (see Figure 38)
’C54x-40
’LC54x-40
’LC54x-50
’54X-66
UNIT
MIN
MAX
MIN
MAX
tc(SCK)
Cycle time, serial-port clock
8H
†
16H
†
ns
tf(SCK)
Fall time, serial-port clock
6
6
ns
tr(SCK)
Rise time, serial-port clock
6
6
ns
tw(SCK)
Pulse duration, serial-port clock low/high
4H
8H
ns
tsu(TD-TCH)
Setup time, TDAT/TADD before TCLK rising edge
25
10
ns
th(TCH-TD)
Hold time, TDAT/TADD after TCLK rising edge
–6
1
ns
tsu(TF-TCH)
Setup time, TFRM before TCLK rising edge‡
10
10
ns
th(TCH-TF)
Hold time, TFRM after TCLK rising edge‡
10
10
ns
† The serial-port design is fully static and, therefore, can operate with tc(SCK)approachinginfinity.Itischaracterizedapproachinganinputfrequency
of 0 Hz but tested at a much higher frequency to minimize test time.
‡ TFRM timing and waveforms shown in Figure 38 are for external TFRM. TFRM can also be configured as internal. The TFRM internal case is
illustrated in the transmit timing diagram in Figure 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com