Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC549 Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS320LC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC549 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320LC549 Datasheet HTML 82Page - Texas Instruments TMS320LC549 Datasheet HTML 83Page - Texas Instruments TMS320LC549 Datasheet HTML 84Page - Texas Instruments TMS320LC549 Datasheet HTML 85Page - Texas Instruments TMS320LC549 Datasheet HTML 86Page - Texas Instruments TMS320LC549 Datasheet HTML 87Page - Texas Instruments TMS320LC549 Datasheet HTML 88Page - Texas Instruments TMS320LC549 Datasheet HTML 89Page - Texas Instruments TMS320LC549 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
86
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
reset, BIO, interrupt, and MP/MC timings
timing requirements for reset, interrupt, BIO, and MP/MC [H = 0.5 tc(CO)] (see Figure 26, Figure 27,
and Figure 28)
’C54x-40
’LC54x-40
’LC54x-50
’54x-66
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
th(RS)
Hold time, RS after CLKOUT low
0
0
0
ns
th(BIO)
Hold time, BIO after CLKOUT low
0
0
0
ns
th(INT)
Hold time, INTn, NMI, after CLKOUT low†
0
0
0
ns
th(MPMC)
Hold time, MP/MC after CLKOUT low
0
0
0
ns
tw(RSL)
Pulse duration, RS lowद
4H + 10
4H + 10
4H+10
ns
tw(BIO)S
Pulse duration, BIO low, synchronous
2H+15
2H+12
2H+10
ns
tw(BIO)A
Pulse duration, BIO low, asynchronous
4H
4H
4H
ns
tw(INTH)S
Pulse duration, INTn, NMI high (synchronous)
2H+15
2H+12
2H+10
ns
tw(INTH)A
Pulse duration, INTn, NMI high (asynchronous)
4H
4H
4H
ns
tw(INTL)S
Pulse duration, INTn, NMI low (synchronous)
2H+15
2H+12
2H+10
ns
tw(INTL)A
Pulse duration, INTn, NMI low (asynchronous)
4H
4H
4H
ns
tw(INTL)WKP
Pulse duration, INTn, NMI low for IDLE2/IDLE3 wakeup
10
10
10
ns
tsu(RS)
Setup time, RS before X2/CLKIN low§
5
5
5
ns
tsu(BIO)
Setup time, BIO before CLKOUT low
15
12
10
ns
tsu(INT)
Setup time, INTn, NMI, RS before CLKOUT low
15
12
10
ns
tsu(MPMC)
Setup time, MP/MC before CLKOUT low
10
10
10
ns
† The external interrupts (INT0 – INT3, NMI) are synchronized to the core CPU by way of a two flip-flop synchronizer which samples these inputs
with consecutive falling edges of CLKOUT. The input to the interrupt pins is required to represent a 1–0–0 sequence at the timing that is
corresponding to three CLKOUTs sampling sequence.
‡ If the PLL mode is selected, then at power-on sequence, or at wakeup from IDLE3, RS must be held low for at least 50
µs to assure synchronization
and lock-in of the PLL.
§ Divide-by-two mode
¶ Note that RS may cause a change in clock frequency, therefore changing the value of H (see the PLL section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com