Electronic Components Datasheet Search
  English  ▼

X  

TMS3471C Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS3471C
Description  2/3-INCH NTSC TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471C Datasheet(HTML) 4 Page - Texas Instruments

  TMS3471C Datasheet HTML 1Page - Texas Instruments TMS3471C Datasheet HTML 2Page - Texas Instruments TMS3471C Datasheet HTML 3Page - Texas Instruments TMS3471C Datasheet HTML 4Page - Texas Instruments TMS3471C Datasheet HTML 5Page - Texas Instruments TMS3471C Datasheet HTML 6Page - Texas Instruments TMS3471C Datasheet HTML 7Page - Texas Instruments TMS3471C Datasheet HTML 8Page - Texas Instruments TMS3471C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TMS3471C
2/3-INCH NTSC TIMER
SOCS028B – AUGUST 1991
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
S1
24
O
Serial clock 1
S2,3
25
O
Serial clock 2, 3
T
23
O
Transfer-gate clock
VCC
22
DC power
VD
16
O
Vertical drive
VDS
41
I
Vertical-dump speed. When VDS is high, the vertical-dump frequency is 2 MHz; when VDS is low, the
vertical-dump frequency is 1 MHz. VDS can also function as a timer reset by dropping the voltage on
VDS from VCC to VCC/2 and then raising it back to VCC.
VGATE
19
O
Decoded V count signal. VGATE is a test point and is not used in normal operation.
WHTA
17
O
WHTA is a test point and is not used in normal operation.
WHTB
18
O
WHTB is a test point and is not used in normal operation.
X1
34
Crystal oscillator (see Figure 1)
X2
35
Crystal oscillator (see Figure 1)
X1
X2
34
35
C1
≈ 40 pF
C2
≈ 40 pF
TMS3471C
NOTE: The TMS3471C is designed for use with
a crystal oscillator. The X1 and X2
terminals should not connect directly to
external driver outputs.
Figure 1. Connection of an External Crystal Oscillator to the TMS3471C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com