Electronic Components Datasheet Search
  English  ▼

X  

HER201PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # HER201PT
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

HER201PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  HER201PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. HER201PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss, high efficiency
* Low leakage
* High current capability
* High speed switching
* High current surge
* High reliability
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC DO-15 molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Weight: 0.4 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
HER201PT
THRU
HER208PT
DO-15
DO-15
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 2.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
Maximum Full Load Reverse Current Average,
Full Cycle 0.375" (9.5mm) lead length at TL = 55
oC
CHARACTERISTICS
SYMBOL
UNITS
1.3
1.0
1.70
1.50
5.0
50
70
uAmps
100
uAmps
nSec
Volts
Maximum Instantaneous Forward Voltage at 2.0 A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA = 25
oC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
Maximum Reverse Recovery Time (Note 2)
trr
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
HER201PT
50
35
50
HER203PT
200
140
200
HER204PT
210
300
300
HER205PT
400
280
400
HER206PT
600
420
600
HER208PT
1000
700
1000
HER207PT
800
560
800
2.0
60
30
20
-65 to +150
Amps
pF
oC
HER202PT
100
70
100
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
0.034(0.9)
0.028(0.7)
DIA.
0.140(3.6)
0.104(2.6)
0.300(7.6)
0.230(5.8)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.
HER201PT
HER203PTHER204PTHER205PTHER206PT
HER208PT
HER207PT
HER202PT


Similar Part No. - HER201PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201PT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com