Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS370
Description  RADIO FREQUENCY I DENTIFICATION SYSTEMS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 1 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Texas Instruments reserves the right to change its products and services at any time without notice. TI provides customer assistance in various
technical areas, but does not have full access to data concerning the uses and applications of customers products. Therefore, TI assumes no
responsibility for customer product design or for infringement of patents and/or the rights of third parties, which may result from assistance
provided by TI.
© Copyright 2002 Texas Instruments Incorporated.
11-07-22-003
07/02
The LF base station IC TMS3705A allows an efficient development and
production of handheld RFID readers & vehicle immobilizers. This base
station IC drives the antenna of a TI-RFid transponder system to send
data modulated on the antenna signal, and to detect and demodulate
the response from the transponder. It allows also minimizing the
external component count.
The key functions of the base station IC TMS3705A are:
» Self-adapting to transponders with a resonance frequency
between 129 kHz – 140 kHz
» Supports all TI-RFid LF transponder functions
» Asynchronous and synchronous data transmission to the IC
» Power management for 5V operation
» Internal full bridge antenna driver
» PLL for internal clock generation of 16 MHz
» Overcurrent protection of antenna driver
Specifications:
Part Number
RI-TMS3705ADR
Operating Frequency
Typical 134.2kHz, FSK
Operating Voltage
4.5V to 5.5V DC
Current Consumption
Charge Phase (without antenna load) typical 8 mA;
max. 20mA
Sleep Mode (without I/O currents)
typical 15
µA;
max. 0.2mA
Interface to Micro Controller
Two wire multifunctional serial interface, 15625 baud
Antenna Inductivity
400
µH - 700µH recommended
ESD Protection (MILSTD 883)
-2000V to +2000V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-40
°C to +100°C (125°C up to 1000hrs over lifetime)
Package / Pin count
SO 16 (10 mm x 6 mm)
Packing / Delivery
Tape on Reel, 2500 units per reel
Sample Set-up of a Transponder System
For more information, contact the sales office or distributor nearest you. This contact information can be found
on our web site at:
http://www.ti-rfid.com
R ADI O F R E Q U E NCY I DENT I F I CAT I O N S YSTE M S
LF Base Station IC TMS3705A
+1 2 V
GND
RXD
TXD
GND
TIRIS TRANSPONDER
RF MODULE
READER
ANTENNA
CONTROL MODULE
RS232
DRIVER
POWER
SUPPLY
µC
T IRIS READER
TMS37 05A
+5 V
IC


Similar Part No. - TMS370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370 TI-TMS370 Datasheet
715Kb / 49P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
732Kb / 50P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
868Kb / 60P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
638Kb / 43P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
713Kb / 48P
8-BIT MICROCONTROLLER
More results

Similar Description - TMS370

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Microsemi Corporation
1N276 MICROSEMI-1N276 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
1N277 MICROSEMI-1N277 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
Frequency Synthesizer for Radio Tuning
logo
rfsolutions.ltd
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
RADIO REMOTE CONTROL SYSTEMS
logo
CML Microcircuits
FX429 CMLMICRO-FX429 Datasheet
483Kb / 14P
BAND FFSK MODEM FOR TRUNKED RADIO SYSTEMS
FX529 CMLMICRO-FX529 Datasheet
97Kb / 3P
FFSK MODEM FOR TRUNKED RADIO SYSTEMS
logo
Tyco Electronics
PM07507-E MACOM-PM07507-E Datasheet
1Mb / 16P
RFID (Radio Frequency Identification)
logo
ATMEL Corporation
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
Frequency Synthesizer for Radio Tuning
logo
Mixed Signal Integratio...
MSRFIF MSI-MSRFIF Datasheet
53Kb / 4P
Radio Frequency Interface Front End
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com