Electronic Components Datasheet Search
  English  ▼

X  

LL73PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # LL73PT
Description  FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

LL73PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  LL73PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. LL73PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( LL73PT )
0
0
125
100
75
50
25
25
50
75
100
125
150
175
AMBIENT TEMPERATURE, (
oC)
0
100
10
1
10n
1n
20
40
60
80
100
REVERSE VOLTAGE, (V)
100n
FIG. 3 - REVERSE CHARACTERISTICS
0
0
2
1
2
4
6
8
10
12
14
16
f=1MHz
REVERSE VOLTAGE, (V)
18
20
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
PULSE GENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
50
0.01µF
D.U.T.
5K
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURRENT
0
0
5
4
3
2
1
20
18
16
14
12
10
8
6
4
2
VR=6V
FORWARD CURRENT, (mA)
FIG. 5 - REVERSE RECOVERY TIME
0
100m
10m
0.6
0.8
1.0
1.2
1.4
FORWARD VOLTAGE, (V)
1u
10u
100u
1m
0.4
0.2
FIG. 2 - FORWARD CHARACTERISiTICS
25
oC
75
oC
Ta= 125
oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com