Electronic Components Datasheet Search
  English  ▼

X  

PM40AL Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # PM40AL
Description  40 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PM40AL Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  PM40AL Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PM40AL Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40 WATT MEDICAL POWER SUPPLIES
DESCRIPTION
The PM40AL series of compact, open PCB constructed, AC-DC
switching power supplies are capable of delivering 40 watts of
continuous output power.
They operate at 85 to 264 VAC
input voltage without the need of voltage selection.
They are
ideally suited for use in medical equipment, safety systems and
monitoring equipment, not for patient contact.
FEAT URES
‧ Low safety gr ound leak age curr ent
‧ 100% burn- in
‧ W ide input range 85 to 264 VAC
‧ Input surge curr ent pr otection
‧ O v ervolt age pr ot ect ion
‧ Over curr ent pr otection
‧ Open PCB construction
INPUT SPECIFICAT IONS
Input voltage:
85 to 264 VAC
Input frequency:
47 to 63 Hz
Input current:
1.20A(rms)for 115VAC
0.70A(rms)for 230VAC
Leakage current:
150uA max. @ 230VAC, 50Hz
90 uA max. @ 115VAC, 60Hz
PM40AL SERIES
Safety St andard Approval s :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
40 watts maximum
Ripple and noise:
1﹪ peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set at
112 - 132﹪ of its nominal output
voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪ /℃ maximum
Transient response:
Maximum excursion of 4﹪ or
better on all models, recovering to
1﹪ of final value within 500us
after a
25﹪ step load change
ENVIRONMENTAL SPECIFICAT IONS
Operating temperature: 0℃ to +70℃
Storage temperature:
-40℃ to +85℃
Relative humidity:
5﹪to 95﹪non-condensing
Derating:
Derate from 100﹪ at +50℃ linearly to
50% at +70℃
EMC Performance (EN60601-1-2: 2001)
EN55011
Class B conducted, class B radiated
FCC
Class B conducted, class B radiated
VCCI
Class B conducted, class B radiated
EN61000-3-2
Harmonic distortion, class A and D
EN61000-3-3
Line flicker
EN61000-4-2
ESD, ± 8KV air and ± 6KV contact
EN61000-4-3
Radiated immunity, 3V/m for 80~2500MHz
EN61000-4-4
Fast transient/burst, ± 2KV
EN61000-4-5
Surge, ± 1KV diff., ± 2KV com.
EN61000-4-6
Conducted immunity, 3Vrms
EN61000-4-8
Magnetic field immunity, 3A/m
EN61000-4-11
Voltage dips, 30% reduction for 500ms,
60% reduction for 100ms and >95%
reduction for 10ms
GENERAL SPECIFICATIONS
Switching frequency:
36KHz ±5KHz
Efficiency:
70﹪ minimum on single output models
with Vo≧ 15V, 65% minimum on the
others
Hold-up time:
10 msec minimum at 110VAC
Line regulation:
±0.5﹪ maximum at full load
Inrush current:
15 amps @ 115VAC, or 30 amps @
230VAC, at 25℃ cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
600,000 hours minimum at full load at
25℃ ambient, calculated per
MIL-HDBK-217F
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com
UL 2601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
(MDD)


Similar Part No. - PM40AL

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results

Similar Description - PM40AL

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
Medical Grade 40 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM41 TRUMPOWER-TM41 Datasheet
223Kb / 2P
30-40 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
110 WATT MEDICAL POWER SUPPLIES
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
200 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
650 WATT MEDICAL POWER SUPPLIES
logo
Wall Industries,Inc.
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
40 Watt Medical AC - DC Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com