Electronic Components Datasheet Search
  English  ▼

X  

PUP60 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # PUP60
Description  60-130 WATT DESKTOP POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PUP60 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  PUP60 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PUP60 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AUTORANGING INPUT
PUP60/PUP80/PUP130 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Output
Output
Model
Vnom.
Imin.
Imax.
Tol.
Power
PUP60-10
5V
0A
12A
5%
60W
PUP60-10-1
7V
0A
8.6A
5%
60W
PUP60-11
10V
0A
6A
5%
60W
PUP80-12
12V
0A
6.7A
4%
80W
PUP80-13
15V
0A
5.3A
3%
80W
PUP80-13-1
18V
0A
4.5A
3%
80W
PUP80-14
24V
0A
3.4A
3%
80W
PUP80-16
30V
0A
2.7A
2%
80W
PUP80-17
36V
0A
2.3A
2%
80W
PUP80-18
48V
0A
1.7A
2%
80W
PUP130-12
12V
0A
10.8A
5%
130W
PUP130-13
15V
0A
8.6A
4%
130W
PUP130-13-1
18V
0A
7.2A
4%
130W
PUP130-14
24V
0A
5.4A
3%
130W
PUP130-16
30V
0A
4.3A
3%
130W
PUP130-17
36V
0A
3.6A
2%
130W
PUP130-18
48V
0A
2.7A
2%
130W
Notes:
(1) PUP60 and PUP80 series are without, while PUP130 series are with, built-in fan.
(2) PUP60 series are with remote sense. The other series can also be equipped with remote sense. Please consult factory.
MECHANICAL SPECIFICATIONS
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
PUP60-10
PUP60-10-1
PUP60-11
RETURN -SENSE
OUTPUT
+V
RETURN
OUTPUT
+V
RETURN
OUTPUT
+V
+SENSE
PUP80-12
PUP80-13
PUP80-13-1
PUP80-14
PUP80-16
PUP80-17
PUP80-18
PUP130-12
PUP130-13
PUP130-13-1
PUP130-14
PUP130-16
PUP130-17
PUP130-18
RETURN RETURN
OUTPUT
+V
RETURN
OUTPUT
+V
RETURN
OUTPUT
+V
OUTPUT
+V
Tumbler Technologies + TRUMPower
3350 Scott Blvd ., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpow er.com ● www.TRUMPower.com
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Weight: 1.0 Kgs (2.2 Lbs.) approx.
4.
See pages 6-19 to 6-26 for optional output
connectors. Add the suffix assigned for a
selected connector to a wanted model
number, e.g. PUP130-14-HA, for
ordering.
5.
To order a model with on/off switch, add
suffix “S” to the model number, e.g.
PUP130-14-HA-S.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com