Electronic Components Datasheet Search
  English  ▼

X  

TP3054B Datasheet(PDF) 6 Page - Texas Instruments

Part # TP3054B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3054B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TP3054B Datasheet HTML 2Page - Texas Instruments TP3054B Datasheet HTML 3Page - Texas Instruments TP3054B Datasheet HTML 4Page - Texas Instruments TP3054B Datasheet HTML 5Page - Texas Instruments TP3054B Datasheet HTML 6Page - Texas Instruments TP3054B Datasheet HTML 7Page - Texas Instruments TP3054B Datasheet HTML 8Page - Texas Instruments TP3054B Datasheet HTML 9Page - Texas Instruments TP3054B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TP3054B, TP3057B, TP13054B, TP13057B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS042A – MAY 1990 – REVISED JULY 1996
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, over operating free-air temperature range, VCC = 5 V ±5%,
VBB = –5 V ±5%, GND at 0 V, VI = 1.2276 V, f = 1.02 kHz, transmit input amplifier connected for unity
gain, noninverting (unless otherwise noted)
timing requirements
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
fclock(M) Frequency of master clock
MCLKX and
MCLKR
Depends on the device used and
BCLKX/CLKSEL
1.536
1.544
2.048
MHz
fclock(B)
Frequency of bit clock, transmit
BCLKX
64
2.048
kHz
tw1
Pulse duration, MCLKX and MCLKR high
160
ns
tw2
Pulse duration, MCLKX and MCLKR low
160
ns
tr1
Rise time of master clock
MCLKX and
MCLKR
Measured from 20% to 80%
50
ns
tf1
Fall time of master clock
MCLKX and
MCLKR
Measured from 20% to 80%
50
ns
tr2
Rise time of bit clock, transmit
BCLKX
Measured from 20% to 80%
50
ns
tf2
Fall time of bit clock, transmit
BCLKX
Measured from 20% to 80%
50
ns
tsu1
Setup time, BCLKX high (and FSX in long-frame sync
mode) before MCLKX
↓
First bit clock after the leading edge
of FSX
100
ns
tw3
Pulse duration, BCLKX and BCLKR high
VIH = 2.2 V
160
ns
tw4
Pulse duration, BCLKX and BCLKR low
VIL = 0.6 V
160
ns
th1
Hold time, frame sync low after bit clock low
(long frame only)
0
ns
th2
Hold time, BCLKX high after frame sync
↑
(short frame only)
0
ns
tsu2
Setup time, frame sync high before bit clock
↓
(long frame only)
80
ns
td1
Delay time, BCLKX high to data valid
Load = 150 pF plus 2 LSTTL loads‡
0
140
ns
td2
Delay time, BCLKX high to TSX low
Load = 150 pF plus 2 LSTTL loads‡
140
ns
td3
Delay time, BCLKX (or 8 clock FSX in long frame
only) low to data output disabled
50
165
ns
td4
Delay time, FSX or BCLKX high to data valid
(long frame only)
CL = 0 pF to 150 pF
20
165
ns
tsu3
Setup time, DR valid before BCLKR
↓
50
ns
th3
Hold time, DR valid after BCLKR or BCLKX
↓
50
ns
tsu4
Setup time, FSR or FSX high before BCLKR or
BCLKR
↓
Short-frame sync pulse (1 or 2 bit
clock periods long) (see Note 3)
50
ns
th4
Hold time, FSX or FSR high after BCLKX or BCLKR
↓
Short-frame sync pulse (1 or 2 bit
clock periods long) (see Note 3)
100
ns
th5
Hold time, frame sync high after bit clock
↓
Long-frame sync pulse (from 3 to
8 bit clock periods long)
100
ns
tw5
Minimum pulse duration of the frame sync pulse
(low level)
64 kbps operating mode
160
ns
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
‡ Nominal input value for an LSTTL lead is 18 k
Ω.
NOTE 3: For short-frame sync timing, FSR and FSX must go high while their respective bit clocks are high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com